Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2674 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2674
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2674 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2674_17 Datasheet HTML 1Page - Texas Instruments OPA2674_17 Datasheet HTML 2Page - Texas Instruments OPA2674_17 Datasheet HTML 3Page - Texas Instruments OPA2674_17 Datasheet HTML 4Page - Texas Instruments OPA2674_17 Datasheet HTML 5Page - Texas Instruments OPA2674_17 Datasheet HTML 6Page - Texas Instruments OPA2674_17 Datasheet HTML 7Page - Texas Instruments OPA2674_17 Datasheet HTML 8Page - Texas Instruments OPA2674_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FEATURES
D WIDEBAND +12V OPERATION: 220MHz (G = +4)
D UNITY-GAIN STABLE: 250MHz (G = +1)
D HIGH OUTPUT CURRENT: 500mA
D OUTPUT VOLTAGE SWING: 10VPP
D HIGH SLEW RATE: 2000V/µs
D LOW SUPPLY CURRENT: 18mA
D FLEXIBLE POWER CONTROL: SO-14 Only
D OUTPUT CURRENT LIMIT (±800mA)
APPLICATIONS
D POWER LINE MODEM
D xDSL LINE DRIVERS
D CABLE MODEM DRIVERS
D MATCHED I/Q CHANNEL AMPLIFIERS
D BROADBAND VIDEO LINE DRIVERS
D ARB LINE DRIVERS
D HIGH CAP LOAD DRIVER
OPA2674 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
NOTES
OPA691
OPA2691
OPA3691
Single +12V Capable
THS6042
±15V Capable
OPA2677
Single +12V Capable
DESCRIPTION
The OPA2674 provides the high output current and low
distortion required in emerging xDSL and Power Line Mo-
dem driver applications. Operating on a single +12V sup-
ply, the OPA2674 consumes a low 9mA/ch quiescent cur-
rent to deliver a very high 500mA output current. This
output current supports even the most demanding ADSL
CPE requirements with > 380mA minimum output current
(+25
°C minimum value) with low harmonic distortion. Dif-
ferential driver applications deliver < −85dBc distortion at
the peak upstream power levels of full rate ADSL. The high
200MHz bandwidth also supports the most demanding
VDSL line driver requirements.
Power control features are included in the SO-14 package
version to allow system power to be minimized. Two logic
control lines allow four quiescent power settings. These in-
clude full power, power cutback for short loops, idle state
for no signal transmission but line match maintenance,
and shutdown for power off with a high impedance output.
Specified on
±6V supplies (to support +12V operation), the
OPA2674 will also support a single +5V or dual
±5V sup-
ply. Video applications will benefit from a very high output
current to drive up to 10 parallel video loads (15
Ω) with <
0.1%/0.1
°dG/dP nonlinearity.
Single−Supply CPE Upstream Driver
82.5
2k
2k
1
µF
17.4
100
2V
PP
AFE
Output
324
20
324
1/2
OP A 26 74
1/2
OP A 26 74
+12V
1:1.7
15V
PP
Twisted Pair
17.7V
PP
20
17.4
+6.0V
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
OPA2674
SBOS270C − AUGUST 2003 − REVISED AUGUST 2008
Dual Wideband, High Output Current
Operational Amplifier with Current Limit
www.ti.com
Copyright
 2003−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA2674_17

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2674I-14D BURR-BROWN-OPA2674I-14D Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674I-14D TI-OPA2674I-14D Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674I-14DG4 TI-OPA2674I-14DG4 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674I-14DR BURR-BROWN-OPA2674I-14DR Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674I-14DR TI-OPA2674I-14DR Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results

Similar Description - OPA2674_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com