Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981-28DBVTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981-28DBVTG4
Description  100-mA Ultra-Low Dropout Regulators With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981-28DBVTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2981-28DBVTG4 Datasheet HTML 5Page - Texas Instruments LP2981-28DBVTG4 Datasheet HTML 6Page - Texas Instruments LP2981-28DBVTG4 Datasheet HTML 7Page - Texas Instruments LP2981-28DBVTG4 Datasheet HTML 8Page - Texas Instruments LP2981-28DBVTG4 Datasheet HTML 9Page - Texas Instruments LP2981-28DBVTG4 Datasheet HTML 10Page - Texas Instruments LP2981-28DBVTG4 Datasheet HTML 11Page - Texas Instruments LP2981-28DBVTG4 Datasheet HTML 12Page - Texas Instruments LP2981-28DBVTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
VOUT
VIN
Schottky
LP2981
Copyright © 2016, Texas Instruments Incorporated
VOUT
VIN
9
LP2981-28, LP2981-29, LP2981-30
LP2981-33, LP2981-50, LP2981A-28
LP2981A-29, LP2981A-30, LP2981A-33, LP2981A-50
www.ti.com
SLVS521G – JULY 2004 – REVISED AUGUST 2016
Product Folder Links: LP2981-28 LP2981-29 LP2981-30 LP2981-33 LP2981-50 LP2981A-28 LP2981A-29 LP2981A-
30 LP2981A-33 LP2981A-50
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 ON/OFF Operation
The LP2981 allows for a shutdown mode through the ON/OFF pin. If the shutdown feature is not used, ON/OFF
must be connected to the input to ensure that the regulator is on at all times. To drive ON/OFF:
A LOW (
≤0.3 V) turns the regulator OFF; a HIGH (≥1.6 V) turns it ON.
Use either a totem-pole output or an open-collector output with a pullup resistor tied to VIN (or another
logic supply)
The HIGH signal can exceed VIN, but must not exceed the absolute maximum ratings of 20 V for the
ON/OFF pin
Apply a signal with a slew rate of
≥40 mV/µs. A slow slew rate can cause the shutdown function to operate
incorrectly
7.4.2 Reverse Input-Output Voltage
An inherent diode is present across the PNP pass element of the LP2981.
Figure 2. Internal PNP Diode Structure
With the anode connected to the output, this diode is reverse-biased during normal operation, because the input
voltage is higher than the output. However, if the output is pulled one VBE higher than the input, or if the input is
abruptly stepped below the output, this diode is forward-biased and can cause a parasitic silicon-controlled
rectifier (SCR) to latch, resulting in current flowing from the output to the input (values in excess of 100 mA can
cause damage). Thus, to prevent possible damage to the regulator in any application where the output may be
pulled above the input, an external Schottky diode must be connected between the output and input. With the
anode on output, this Schottky limits the reverse voltage across the output and input pins to approximately 0.3 V,
preventing the regulator's internal diode from forward biasing.
Figure 3. Internal PNP Diode Bypass


Similar Part No. - LP2981-28DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981-28DBVTG4 TI1-LP2981-28DBVTG4 Datasheet
787Kb / 17P
[Old version datasheet]   ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2981-28DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981 TI-LP2981_08 Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981_07 Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI1-LP2981 Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-33DBVR TI1-LP2981-33DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-29 TI-LP2981-29 Datasheet
248Kb / 14P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
logo
Linear Technology
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com