Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981-28DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981-28DBVR
Description  100-mA Ultra-Low Dropout Regulators With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981-28DBVR Datasheet(HTML) 3 Page - Texas Instruments

  LP2981-28DBVR Datasheet HTML 1Page - Texas Instruments LP2981-28DBVR Datasheet HTML 2Page - Texas Instruments LP2981-28DBVR Datasheet HTML 3Page - Texas Instruments LP2981-28DBVR Datasheet HTML 4Page - Texas Instruments LP2981-28DBVR Datasheet HTML 5Page - Texas Instruments LP2981-28DBVR Datasheet HTML 6Page - Texas Instruments LP2981-28DBVR Datasheet HTML 7Page - Texas Instruments LP2981-28DBVR Datasheet HTML 8Page - Texas Instruments LP2981-28DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
VIN
2
GND
3
ON/OFF
4
NC
5
VOUT
Not to scale
3
LP2981-28, LP2981-29, LP2981-30
LP2981-33, LP2981-50, LP2981A-28
LP2981A-29, LP2981A-30, LP2981A-33, LP2981A-50
www.ti.com
SLVS521G – JULY 2004 – REVISED AUGUST 2016
Product Folder Links: LP2981-28 LP2981-29 LP2981-30 LP2981-33 LP2981-50 LP2981A-28 LP2981A-29 LP2981A-
30 LP2981A-33 LP2981A-50
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VIN
I
Supply input
2
GND
Ground
3
ON/OFF
I
Active-low shutdown pin. Tie to VIN if unused.
4
NC
No connect
5
VOUT
O
Voltage output
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The PNP pass transistor has a parasitic diode connected between the input and output. This diode normally is reverse-biased
(VIN > VOUT), but is forward-biased if the output voltage exceeds the input voltage by a diode drop (see Application and Implementation
for more details).
(3)
If load is returned to a negative power supply, the output must be diode clamped to GND.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Continuous input voltage(2)
–0.3
16
V
VON/OFF
ON/OFF input voltage
–0.3
16
V
VOUT
Output voltage(3)
–0.3
9
V
IOUT
Output current
Internally limited
(short-circuit protected)
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Machine model (MM)
±200


Similar Part No. - LP2981-28DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981-28DBVR TI-LP2981-28DBVR Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28DBVR TI-LP2981-28DBVR Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28DBVR TI-LP2981-28DBVR Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28DBVR TI1-LP2981-28DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28DBVR TI1-LP2981-28DBVR Datasheet
787Kb / 17P
[Old version datasheet]   ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2981-28DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981 TI-LP2981_08 Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981_07 Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI1-LP2981 Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-33DBVR TI1-LP2981-33DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-29 TI-LP2981-29 Datasheet
248Kb / 14P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
logo
Linear Technology
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com