Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981A-30 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2981A-30
Description  100-mA Ultra-Low Dropout Regulators With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981A-30 Datasheet(HTML) 1 Page - Texas Instruments

  LP2981A-30 Datasheet HTML 1Page - Texas Instruments LP2981A-30 Datasheet HTML 2Page - Texas Instruments LP2981A-30 Datasheet HTML 3Page - Texas Instruments LP2981A-30 Datasheet HTML 4Page - Texas Instruments LP2981A-30 Datasheet HTML 5Page - Texas Instruments LP2981A-30 Datasheet HTML 6Page - Texas Instruments LP2981A-30 Datasheet HTML 7Page - Texas Instruments LP2981A-30 Datasheet HTML 8Page - Texas Instruments LP2981A-30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
VIN
VOUT
GND
ON/OFF
VREF
1.23 V
í
+
R 1
R 2
Overcurrent/
Overtemperature
Protection
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP2981-28, LP2981-29, LP2981-30
LP2981-33, LP2981-50, LP2981A-28
LP2981A-29, LP2981A-30, LP2981A-33, LP2981A-50
SLVS521G – JULY 2004 – REVISED AUGUST 2016
LP2981 100-mA Ultra-Low Dropout Regulators With Shutdown
1
1 Features
1
Output Tolerance of
0.75% (A Grade)
1.25% (Standard Grade)
Ultra-Low Dropout Typically:
200 mV at Full Load of 100 mA
7 mV at 1 mA
Low IQ: 600 µA Typical at Full Load of 100 mA
Shutdown Current: 0.01 µA Typical
Fast Transient Response to Line and Load
Overcurrent and Thermal Protection
High Peak Current Capability
Low ZOUT Over Wide Frequency Range
−40°C to 125°C Temperature Range
2 Applications
Smart Meters
Servo and Motor Control
Mobile Phones and Cameras
Audio and Portable Speakers
Telecommunication and Networking
3 Description
The LP2981 and LP2981A families of fixed-output,
low-dropout
regulators
offer
exceptional,
cost-
effective performance for both portable and non-
portable applications. Available in fixed voltages of
2.8 V, 3 V, 3.3 V, and 5 V, the family has an output
tolerance of 0.75% for the A-grade devices (1.25%
for the standard grade) and is capable of delivering
100-mA continuous load current. Standard regulator
features, such as overcurrent and overtemperature
protection, are included.
The LP2981 and LP2981A have features that make
the regulators ideal candidates for a variety of
portable applications:
Low dropout: A PNP pass element allows a typical
dropout of 200 mV at 100-mA load current and 7
mV at 1-mA load.
Low quiescent current: The use of a vertical PNP
process allows for quiescent currents that are
considerably lower than those associated with
traditional lateral PNP regulators.
Shutdown:
A
shutdown
feature
is
available,
allowing the regulator to consume only 0.01 µA
when the ON/OFF pin is pulled low.
Device Information(1)
PART NUMBER
PACKAGE (PINS)
BODY SIZE (NOM)
LP2981-XXDBV
LP2981A-XXDBV
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - LP2981A-30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981A-30 TI1-LP2981A-30 Datasheet
787Kb / 17P
[Old version datasheet]   ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981A-30DBVR TI-LP2981A-30DBVR Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981A-30DBVR TI-LP2981A-30DBVR Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981A-30DBVR TI1-LP2981A-30DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981A-30DBVR TI1-LP2981A-30DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2981A-30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981 TI-LP2981_08 Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981_07 Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI1-LP2981 Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-33DBVR TI1-LP2981-33DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-29 TI-LP2981-29 Datasheet
248Kb / 14P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
logo
Linear Technology
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com