Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET8531T Datasheet(PDF) 6 Page - Texas Instruments

Part # ONET8531T
Description  11.3 Gbps Limiting Transimpedance Amplifier With RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8531T Datasheet(HTML) 6 Page - Texas Instruments

Back Button ONET8531T_17 Datasheet HTML 2Page - Texas Instruments ONET8531T_17 Datasheet HTML 3Page - Texas Instruments ONET8531T_17 Datasheet HTML 4Page - Texas Instruments ONET8531T_17 Datasheet HTML 5Page - Texas Instruments ONET8531T_17 Datasheet HTML 6Page - Texas Instruments ONET8531T_17 Datasheet HTML 7Page - Texas Instruments ONET8531T_17 Datasheet HTML 8Page - Texas Instruments ONET8531T_17 Datasheet HTML 9Page - Texas Instruments ONET8531T_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ONET8531T
SLLS891B
– FEBRUARY 2008 – REVISED AUGUST 2011
www.ti.com
DETAILED DESCRIPTION
SIGNAL PATH
A transimpedance amplifier serves as the signal path first stage that converts the photodiode current into a
voltage. If the input signal current exceeds a certain value, the transimpedance gain is reduced by means of a
nonlinear AGC circuit to limit the signal amplitude.
The second stage is a limiting voltage amplifier that provides additional limiting gain and converts the single
ended input voltage into a differential data signal. The output stage provides CML outputs with an on-chip 50
back-termination to VCC.
FILTER CIRCUITRY
The FILTER pins provide a filtered VCC for a PIN photodiode bias. The on-chip low pass filter for the photodiode
is implemented using a filter resistor of 220
Ω and a capacitor. The corresponding corner frequency is below
5 MHz. The supply voltages for the transimpedance amplifier are filtered by means of on-chip capacitors, thus
avoiding the need for an external supply filter capacitor. The input stage has a separate VCC supply (VCC_IN)
that is not connected on the chip to the supply of the limiting and CML stages (VCC_OUT).
AGC AND RSSI
The voltage drop across the internal photodiode supply-filter resistor is monitored by the bias and RSSI control
circuit block, in the situation where a PIN diode is biased using the FILTER pins.
If the DC input current exceeds a specified level then it is partially cancelled by means of a controlled current
source. This keeps the transimpedance amplifier stage within sufficient operating limits for optimum performance.
The automatic gain control circuitry adjusts the voltage gain of the AGC amplifier to ensure limiting behavior of
the complete amplifier.
Finally, this circuit block senses the current through the filter resistor and generates a mirrored current that is
proportional to the input signal strength. The mirrored current is available at the RSSI_IB output and can be sunk
to ground (GND) using an external resistor. For proper operation, ensure that the voltage at the RSSI_IB pad
does not exceed VCC-0.65 V.
If an APD or PIN photodiode is used with an external bias then the RSSI_EB pin should be used. However, for
greater accuracy under external photo diode biasing conditions, it is recommended to derive the RSSI from the
external bias circuitry.
6
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - ONET8531T_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
More results

Similar Description - ONET8531T_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com