Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5910-1.2YKAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910-1.2YKAR
Description  300-mA Low-Noise, Low-IQ LDO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910-1.2YKAR Datasheet(HTML) 1 Page - Texas Instruments

  LP5910-1.2YKAR Datasheet HTML 1Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 2Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 3Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 4Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 5Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 6Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 7Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 8Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
IN
OUT
GND
EN
LP5910
VOUT
VIN
Enable
COUT
CIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5910
SNVSA91D – SEPTEMBER 2015 – REVISED SEPTEMBER 2016
LP5910 300-mA Low-Noise, Low-IQ LDO
1
1 Features
1
Input Voltage Range: 1.3 V to 3.3 V
Output Voltage Range: 0.8 V to 2.3 V
Output Current: 300 mA
PSRR: 75 dB at 1 kHz
Output Voltage Tolerance: ±2%
Low Dropout: 120 mV (Typical)
Very Low IQ (Enabled, No Load): 12 µA
Low Output-Voltage Noise: 12 µVRMS
Stable with Ceramic Input and Output Capacitors
Thermal Overload Protection
Short-Circuit Protection
Reverse Current Protection
Automatic Output Discharge for Fast Turnoff
2 Applications
Mobile Phones, Tablets
Digital Cameras and Audio Devices
Portable and Battery-Powered Equipment
Portable Medical Equipment
Virtual Reality
RF, PLL, VCO, and Clock Power Supplies
IP Cameras
3 Description
The LP5910 is a low-noise LDO that can supply up to
300 mA of output current. Designed to meet the
requirements of RF and analog circuits, this device
provides low noise, high PSRR, low quiescent
current, and superior line transient and load transient
response. Using new innovative design techniques
the LP5910 offers class-leading noise performance
without a noise bypass capacitor and with the option
for remote output capacitor placement.
The device contains a reverse current protection
circuit that prevents a reverse current flow through
the LDO to the IN pin when the input voltage is lower
than the output voltage.
When the Enable (EN) pin is low, and the output is in
an OFF state, an automatic output discharge circuit
discharges the output capacitance for fast turnoff.
With its low input and low output voltage range the
LP5910 is well-suited as a post DC-DC regulator
(post BUCK regulator) or for single- or dual-cell
applications.
The device is designed to work with a 1-μF input and
a 1-μF output ceramic capacitor. A separate noise
bypass capacitor is not required.
This device is available with fixed output voltages
from 0.8 V to 2.3 V in 25-mV steps. Contact Texas
Instruments Sales for specific voltage option needs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
LP5910
WSON (6)
2.00 mm × 2.00 mm (NOM)
DSBGA (4)
0.742 mm × 0.742 mm (MAX)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LP5910-1.2YKAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910-1.2YKAR TI1-LP5910-1.2YKAR Datasheet
1Mb / 29P
[Old version datasheet]   LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910-1.2YKAR TI1-LP5910-1.2YKAR Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910-1.2YKAR TI1-LP5910-1.2YKAR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.2YKAR TI1-LP5910-1.2YKAR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.2YKAR TI-LP5910-1.2YKAR Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5910-1.2YKAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V14 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
MAY 2022
TPS7A20 TI-TPS7A20_V05 Datasheet
910Kb / 31P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com