Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP87524B-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP87524B-Q1
Description  4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87524B-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP87524B-Q1 Datasheet HTML 5Page - Texas Instruments LP87524B-Q1 Datasheet HTML 6Page - Texas Instruments LP87524B-Q1 Datasheet HTML 7Page - Texas Instruments LP87524B-Q1 Datasheet HTML 8Page - Texas Instruments LP87524B-Q1 Datasheet HTML 9Page - Texas Instruments LP87524B-Q1 Datasheet HTML 10Page - Texas Instruments LP87524B-Q1 Datasheet HTML 11Page - Texas Instruments LP87524B-Q1 Datasheet HTML 12Page - Texas Instruments LP87524B-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
9
LP87524B-Q1
www.ti.com
SNVSAW2 – APRIL 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C
≤ TJ ≤ +140°C, CPOL = 22 µF / phase, specified VVANA, VVIN_Bx , VNRST,
VVOUT_Bx and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = 3.7 V, and VOUT = 1 V,
unless otherwise noted.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shutdown current
consumption
From VANA and VIN_Bx pins: NRST = 0 V,
VANA = VIN_Bx = 3.7 V
1.4
µA
Standby current
consumption,
regulators disabled
From VANA and VIN_Bx pins: NRST = 1.8
V, VANA = VIN_Bx = 3.7 V
6.7
Active current
consumption in PFM
mode, one regulator
enabled, internal RC
oscillator, PGOOD
monitoring enabled
From VANA and VIN_Bx pins: NRST = 1.8
V, VANA = VIN_Bx = 3.7 V, IOUT = 0 mA, not
switching
57
µA
Active current
consumption during
PWM operation, per
phase
19
mA
PLL and clock detector
current consumption
Additional current consumption when
internal RC oscillator, clock detector and
PLL are enabled
2
mA
DIGITAL INPUT SIGNALS NRST, EN1, EN2, EN3, EN4, SCL, SDA, GPIO1, GPIO2, GPIO3, CLKIN
VIL
Input low level
0.4
V
VIH
Input high level
1.2
VHYS
Hysteresis of Schmitt
Trigger inputs
10
77
200
mV
ENx pulldown
resistance
ENx_PD = 1
500
NRST pulldown
resistance
Always present
650
1150
1700
DIGITAL OUTPUT SIGNALS nINT
VOL
Output low level
ISOURCE = 2 mA
0.4
V
RP
External pullup resistor
To VIO supply
10
k
DIGITAL OUTPUT SIGNALS SDA
VOL
Output low level
ISOURCE = 10 mA
0.4
V
DIGITAL OUTPUT SIGNALS PGOOD, GPIO1, GPIO2, GPIO3
VOL
Output low level
ISOURCE = 2 mA
0.4
V
VOH
Output high level,
configured to push-pull
ISINK = 2 mA
VVANA – 0.4
VVANA
V
VPU
Supply voltage for
external pull-up
resistor, configured to
open-drain
VVANA
V
RPU
External pullup resistor,
configured to open-
drain
10
k
ALL DIGITAL INPUTS
ILEAK
Input current
All logic inputs over pin voltage range
(except NRST)
−1
1
µA


Similar Part No. - LP87524B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
1Mb / 74P
[Old version datasheet]   Four 4-MHz Buck Converters for AWR and IWR MMICs
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1_18 Datasheet
1Mb / 74P
[Old version datasheet]   Four 4-MHz Buck Converters for AWR and IWR MMICs
More results

Similar Description - LP87524B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87521-Q1 TI1-LP87521-Q1 Datasheet
2Mb / 97P
[Old version datasheet]   10-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1 Datasheet
2Mb / 95P
[Old version datasheet]   16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_19 Datasheet
2Mb / 95P
[Old version datasheet]   16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_18 Datasheet
2Mb / 95P
[Old version datasheet]   16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_V01 Datasheet
2Mb / 96P
[Old version datasheet]   16-A Buck Converter With Integrated Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com