Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1540D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540D
Description  Low-Power Bidirectional I2C Isolators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540D Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO1540D Datasheet HTML 4Page - Texas Instruments ISO1540D Datasheet HTML 5Page - Texas Instruments ISO1540D Datasheet HTML 6Page - Texas Instruments ISO1540D Datasheet HTML 7Page - Texas Instruments ISO1540D Datasheet HTML 8Page - Texas Instruments ISO1540D Datasheet HTML 9Page - Texas Instruments ISO1540D Datasheet HTML 10Page - Texas Instruments ISO1540D Datasheet HTML 11Page - Texas Instruments ISO1540D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
ISO1540, ISO1541
SLLSEB6D – JULY 2012 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO1540 ISO1541
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-12
and DIN EN 61010-1
Approved under CSA
Component Acceptance Notice
5A, CSA/IEC 60950-1, and
CSA/IEC 61010-1
Recognized under UL 1577
Component Recognition
Program
Certified according to GB4943.1-
2011
Basic Insulation
Maximum Transient Overvoltage,
4242 VPK;
Maximum Repetitive Peak Voltage,
566 VPK
2.8-kVRMS Insulation Rating; 400
VRMS Basic Insulation working
voltage per CSA 60950-1-
07+A1+A2 and IEC 60950-1 2nd
Ed.+A1+A2;
300 VRMS Basic, 150 VRMS
Reinforced Insulation working
voltage per CSA 61010-1-12 and
IEC 61010-1 3rd Ed.,
Single protection, 2500 VRMS
Basic Insulation, Altitude
≤ 5000
m, Tropical Climate, 250 VRMS
maximum working voltage
Certificate number: 40016131
Master contract number: 220991
File number: E181974
Certificate number:
CQC14001109540
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply
current
RθJA = 114.6°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 1
198
mA
RθJA = 114.6°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 1
303
TS
Safety temperature
150
°C
The safety-limiting constraint is the maximum junction temperature specified in the data sheet. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that
of a device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.


Similar Part No. - ISO1540D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540D TI1-ISO1540D Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540D TI1-ISO1540D Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540D TI1-ISO1540D Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540DR TI1-ISO1540DR Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540DR TI1-ISO1540DR Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results

Similar Description - ISO1540D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_13 Datasheet
996Kb / 24P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com