Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5575 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5575
Description  SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5575 Datasheet(HTML) 3 Page - Texas Instruments

  LM5575_17 Datasheet HTML 1Page - Texas Instruments LM5575_17 Datasheet HTML 2Page - Texas Instruments LM5575_17 Datasheet HTML 3Page - Texas Instruments LM5575_17 Datasheet HTML 4Page - Texas Instruments LM5575_17 Datasheet HTML 5Page - Texas Instruments LM5575_17 Datasheet HTML 6Page - Texas Instruments LM5575_17 Datasheet HTML 7Page - Texas Instruments LM5575_17 Datasheet HTML 8Page - Texas Instruments LM5575_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM5575
www.ti.com
SNVS471G – JANUARY 2007 – REVISED APRIL 2013
PIN DESCRIPTIONS (continued)
Pin(s)
Name
Description
Application Information
15
PRE
Pre-charge assist for the bootstrap
This open drain output can be connected to SW pin to aid
capacitor
charging the bootstrap capacitor during very light load conditions
or in applications where the output may be pre-charged before
the LM5575 is enabled. An internal pre-charge MOSFET is
turned on for 250ns each cycle just prior to the on-time interval
of the buck switch.
16
BST
Boost input for bootstrap capacitor
An external capacitor is required between the BST and the SW
pins. A 0.022µF ceramic capacitor is recommended. The
capacitor is charged from Vcc via an internal diode during the
off-time of the buck switch.
NA
EP
Exposed Pad
Exposed metal pad on the underside of the device. It is
recommended to connect this pad to the PWB ground plane, in
order to aid in heat dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to GND
76V
BST to GND
90V
PRE to GND
76V
SW to GND (Steady State)
-1.5V
BST to VCC
76V
SD, VCC to GND
14V
BST to SW
14V
OUT to GND
Limited to Vin
SYNC, SS, FB, RAMP to GND
7V
ESD Rating(3)
Human Body Model
2kV
Storage Temperature Range
-65°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
VIN
6V to 75V
Operation Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5575


Similar Part No. - LM5575_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
More results

Similar Description - LM5575_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5575MH TI-LM5575MH Datasheet
952Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575QMHX TI-LM5575QMHX Datasheet
952Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
   SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
[Old version datasheet]   LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com