Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA219BIDCNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA219BIDCNR
Description  Bidirectional Current/Power Monitor With I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219BIDCNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA219BIDCNR Datasheet HTML 4Page - Texas Instruments INA219BIDCNR Datasheet HTML 5Page - Texas Instruments INA219BIDCNR Datasheet HTML 6Page - Texas Instruments INA219BIDCNR Datasheet HTML 7Page - Texas Instruments INA219BIDCNR Datasheet HTML 8Page - Texas Instruments INA219BIDCNR Datasheet HTML 9Page - Texas Instruments INA219BIDCNR Datasheet HTML 10Page - Texas Instruments INA219BIDCNR Datasheet HTML 11Page - Texas Instruments INA219BIDCNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
300
250
200
150
100
50
0
1k
10k
100k
1M
10M
SCLFrequency(Hz)
V =5V
S
V =3V
S
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1k
10k
100k
1M
10M
SCLFrequency(Hz)
V =5V
S
V =
S
3V
16
14
12
10
8
6
4
2
0
-40 -25
0
25
125
Temperature( C)
°
V =5V
S
V =3V
S
50
75
100
1.2
1.0
0.8
0.6
0.4
0.2
0
-40 -25
0
25
50
75
100
Temperature( C)
°
125
V =3V
S
V =5V
S
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
0
5
10
15
20
25
V
Voltage(V)
IN-
30
V
S+ =5V
V
5V
S+ =
V
S+ =3V
V
3V
S+ =
INA219
SBOS448G – AUGUST 2008 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSHUNT = (VIN+ – VIN–) = 32 mV, PGA = /1, and BRNG = 1, unless otherwise noted.
Figure 8. Input Currents With Large Differential
Figure 9. Active IQ vs Temperature
Voltages(VIN+ at 12 V, Sweep Of VIN–)
Figure 10. Shutdown IQ vs Temperature
Figure 11. Active IQ vs I
2C Clock Frequency
Figure 12. Shutdown IQ vs I
2C Clock Frequency
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: INA219


Similar Part No. - INA219BIDCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219BIDCNR TI1-INA219BIDCNR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219BIDCNR TI1-INA219BIDCNR Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219BIDCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI1-INA219 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com