Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA219 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA219
Description  Bidirectional Current/Power Monitor With I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA219 Datasheet HTML 2Page - Texas Instruments INA219 Datasheet HTML 3Page - Texas Instruments INA219 Datasheet HTML 4Page - Texas Instruments INA219 Datasheet HTML 5Page - Texas Instruments INA219 Datasheet HTML 6Page - Texas Instruments INA219 Datasheet HTML 7Page - Texas Instruments INA219 Datasheet HTML 8Page - Texas Instruments INA219 Datasheet HTML 9Page - Texas Instruments INA219 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
INA219
SBOS448G – AUGUST 2008 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics: (continued)
At TA = 25°C, VS = 3.3 V, VIN+ = 12V, VSHUNT = (VIN+ – VIN–) = 32 mV, PGA = /1, and BRNG
(1) = 1, unless otherwise noted.
INA219A
INA219B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Hysteresis
500
500
mV
OPEN-DRAIN DIGITAL OUTPUTS (SDA)
Logic 0 output level
ISINK = 3 mA
0.15
0.4
0.15
0.4
V
High-level output leakage current
VOUT = VS
0.1
1
0.1
1
μA
POWER SUPPLY
Operating supply range
3
5.5
3
5.5
V
Quiescent current
0.7
1
0.7
1
mA
Quiescent current, power-down mode
6
15
6
15
μA
Power-on reset threshold
2
2
V
7.6 Bus Timing Diagram Definitions
(1)
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
ƒ(SCL)
SCL operating frequency
0.001
0.4
0.001
2.56
MHz
Bus free time between STOP and START
t(BUF)
1300
160
ns
condition
Hold time after repeated START condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated START condition setup time
600
160
ns
t(SUSTO)
STOP condition setup time
600
160
ns
t(HDDAT)
Data hold time
0
900
0
90
ns
t(SUDAT)
Data setup time
100
10
ns
t(LOW)
SCL clock LOW period
1300
250
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tF DA
Data fall time
300
150
ns
tFCL
Clock fall time
300
40
ns
tRCL
Clock rise time
300
40
ns
tRCL
Clock rise time for SCLK
≤ 100kHz
1000
ns
(1)
Values based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not ensured and not
production tested.
Figure 1. Bus Timing Diagram
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: INA219


Similar Part No. - INA219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA219 TI1-INA219 Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219 TI-INA219 Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA219 TI1-INA219 Datasheet
1Mb / 39P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA219 TI1-INA219 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI1-INA219 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com