Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA181 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA181
Description  Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA181 Datasheet HTML 8Page - Texas Instruments INA181 Datasheet HTML 9Page - Texas Instruments INA181 Datasheet HTML 10Page - Texas Instruments INA181 Datasheet HTML 11Page - Texas Instruments INA181 Datasheet HTML 12Page - Texas Instruments INA181 Datasheet HTML 13Page - Texas Instruments INA181 Datasheet HTML 14Page - Texas Instruments INA181 Datasheet HTML 15Page - Texas Instruments INA181 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
IN±
IN+
REF
GND
VS
OUT
+
±
Copyright © 2017, Texas Instruments Incorporated
INA181
12
INA181
SBOS793 – APRIL 2017
www.ti.com
Product Folder Links: INA181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA181 is a 26-V, common-mode, current-sensing amplifier used in both low-side and high-side
configurations. This specially-designed, current-sensing amplifier accurately measures voltages developed
across current-sensing resistors on common-mode voltages that far exceed the supply voltage powering the
device. Current can be measured on input voltage rails as high as 26 V, and the device can be powered from
supply voltages as low as 2.7 V.
8.2 Functional Block Diagram


Similar Part No. - INA181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181 Datasheet
1Mb / 47P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181 Datasheet
1Mb / 49P
[Old version datasheet]   Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
More results

Similar Description - INA181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 30P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1_1904 TI1-INA181-Q1_1904 Datasheet
1Mb / 49P
[Old version datasheet]   Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
INA181-Q1 TI1-INA181-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_19 Datasheet
1Mb / 47P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com