Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA180 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA180
Description  Low- and High-Side Voltage Output, Current-Sense Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180 Datasheet(HTML) 3 Page - Texas Instruments

  INA180 Datasheet HTML 1Page - Texas Instruments INA180 Datasheet HTML 2Page - Texas Instruments INA180 Datasheet HTML 3Page - Texas Instruments INA180 Datasheet HTML 4Page - Texas Instruments INA180 Datasheet HTML 5Page - Texas Instruments INA180 Datasheet HTML 6Page - Texas Instruments INA180 Datasheet HTML 7Page - Texas Instruments INA180 Datasheet HTML 8Page - Texas Instruments INA180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
IN+
2
GND
3
IN±
4
OUT
5
VS
Not to scale
1
OUT
2
GND
3
IN+
4
IN±
5
VS
Not to scale
3
INA180
www.ti.com
SBOS741 – APRIL 2017
Product Folder Links: INA180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
CHANNEL
GAIN (V/V)
INA180A1
1
20
INA180A2
1
50
INA180A3
1
100
INA180A4
1
200
6 Pin Configurations and Functions
DBV Package
5-Pin SOT-23 (Pinout A)
Top View
DBV Package
5-Pin SOT-23 (Pinout B)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
Pinout A
SOT-23
Pinout B
GND
2
2
Analog
Ground
IN–
4
3
Analog input
Current-sense amplifier negative input. For high-side applications,
connect to load side of sense resistor. For low-side applications, connect
to ground side of sense resistor.
IN+
3
1
Analog input
Current-sense amplifier positive input. For high-side applications, connect
to bus-voltage side of sense resistor. For low-side applications, connect
to load side of sense resistor.
OUT
1
4
Analog output
Output voltage
VS
5
5
Analog
Power supply, 2.7 V to 5.5 V.


Similar Part No. - INA180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180 TI1-INA180 Datasheet
1Mb / 32P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180 TI1-INA180 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 41P
[Old version datasheet]   Automotive, low- and high-side voltage output, current-sense amplifiers
More results

Similar Description - INA180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Texas Instruments
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
   High-Side Current-Sense Amplifier with Low Impedance Voltage Output
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com