Electronic Components Datasheet Search |
|
CC2530F32RHAR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
CC2530F32RHAR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 36 page CC2530F32, CC2530F64 CC2530F128, CC2530F256 www.ti.com SWRS081B – APRIL 2009 – REVISED FEBRUARY 2011 16-MHz RC OSCILLATOR Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Frequency(1) 16 MHz Uncalibrated frequency accuracy ±18% Calibrated frequency accuracy ±0.6% ±1% Start-up time 10 μs Initial calibration time(2) 50 μs (1) The calibrated 16-MHz RC oscillator frequency is the 32-MHz XTAL frequency divided by 2. (2) When the 16-MHz RC oscillator is enabled, it is calibrated when a switch from the 16-MHz RC oscillator to the 32-MHz crystal oscillator is performed while SLEEPCMD.OSC_PD is set to 0. RSSI/CCA CHARACTERISTICS Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RSSI range 100 dB Absolute uncalibrated RSSI/CCA accuracy ±4 dB RSSI/CCA offset(1) 73 dB Step size (LSB value) 1 dB (1) Real RSSI = Register value – offset FREQEST CHARACTERISTICS Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT FREQEST range ±250 kHz FREQEST accuracy ±40 kHz FREQEST offset(1) 20 kHz Step size (LSB value) 7.8 kHz (1) Real FREQEST = Register value – offset FREQUENCY SYNTHESIZER CHARACTERISTICS Measured on Texas Instruments CC2530 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT At ±1-MHz offset from carrier –110 Phase noise, unmodulated carrier At ±2-MHz offset from carrier –117 dBc/Hz At ±5-MHz offset from carrier –122 ANALOG TEMPERATURE SENSOR Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Output at 25 °C 1480 12-bit ADC Temperature coefficient 4.5 /1 °C Voltage coefficient 1 /0.1 V Measured using integrated ADC using Initial accuracy without calibration ±10 °C internal bandgap voltage reference and maximum resolution Accuracy using 1-point calibration (entire ±5 °C temperature range) Current consumption when enabled (ADC 0.5 mA current not included) © 2009–2011, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256 |
Similar Part No. - CC2530F32RHAR |
|
Similar Description - CC2530F32RHAR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |