Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM61004 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61004
Description  Four Output, Integrated VCO, Low-Jitter Clock Generator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM61004 Datasheet(HTML) 4 Page - Texas Instruments

  CDCM61004 Datasheet HTML 1Page - Texas Instruments CDCM61004 Datasheet HTML 2Page - Texas Instruments CDCM61004 Datasheet HTML 3Page - Texas Instruments CDCM61004 Datasheet HTML 4Page - Texas Instruments CDCM61004 Datasheet HTML 5Page - Texas Instruments CDCM61004 Datasheet HTML 6Page - Texas Instruments CDCM61004 Datasheet HTML 7Page - Texas Instruments CDCM61004 Datasheet HTML 8Page - Texas Instruments CDCM61004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
f =
IN
OutputDivider
FeedbackDivider
(
( f
OUT
CDCM61004
SCAS871H – FEBRUARY 2009 – REVISED JANUARY 2016
www.ti.com
5 Description (Continued)
The CDCM61004 is a high-performance, low-phase noise, fully-integrated voltage-controlled oscillator (VCO)
clock synthesizer with four universal output buffers that can be configured to be LVPECL, LVDS, or LVCMOS
compatible. Each universal output can also be converted to two LVCMOS outputs. Additionally, an LVCMOS
bypass output clock is available in an output configuration which can help with crystal loading to achieve an
exact desired input frequency. It has one fully-integrated, low-noise, LC-based VCO that operates in the
1.75 GHz to 2.05 GHz range.
The phase-locked loop (PLL) synchronizes the VCO with respect to the input, which can either be a low-
frequency crystal. The output share an output divider sourced from the VCO core. All device settings are
managed through a control pin structure, which has two pins that control the prescaler and feedback divider,
three pins that control the output divider, two pins that control the output type, and one pin that controls the
output enable. Any time the PLL settings (including the input frequency, prescaler divider, or feedback divider)
are altered, a reset must be issued through the Reset control pin (active low for device reset). The reset initiates
a PLL recalibration process to ensure PLL lock. When the device is in reset, the outputs and dividers are turned
off.
The output frequency (fOUT) is proportional to the frequency of the input clock (fIN). The feedback divider, output
divider, and VCO frequency set fOUT with respect to fIN. For a configuration setting for common wireline and
datacom applications, see Table 3. For other applications, use Equation 1 to calculate the exact crystal oscillator
frequency required for the desired output.
(1)
The output divider can be chosen from 1, 2, 3, 4, 6, or 8 through the use of control pins. Feedback divider and
prescaler divider combinations can be chosen from 25 and 3, 24 and 3, 20 and 4, or 15 and 5, respectively, also
through the use of control pins. CDCM61004 Block Diagram shows a high-level diagram of the CDCM61004.
The device operates in a 3.3-V supply environment and is characterized for operation from –40°C to 85°C.
4
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCM61004


Similar Part No. - CDCM61004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBR TI-CDCM61004RHBR Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBR TI-CDCM61004RHBR Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
More results

Similar Description - CDCM61004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com