Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2541F128RHAT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541F128RHAT
Description  2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2541F128RHAT Datasheet(HTML) 2 Page - Texas Instruments

  CC2541F128RHAT Datasheet HTML 1Page - Texas Instruments CC2541F128RHAT Datasheet HTML 2Page - Texas Instruments CC2541F128RHAT Datasheet HTML 3Page - Texas Instruments CC2541F128RHAT Datasheet HTML 4Page - Texas Instruments CC2541F128RHAT Datasheet HTML 5Page - Texas Instruments CC2541F128RHAT Datasheet HTML 6Page - Texas Instruments CC2541F128RHAT Datasheet HTML 7Page - Texas Instruments CC2541F128RHAT Datasheet HTML 8Page - Texas Instruments CC2541F128RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
SOFTWARE FEATURES
CC2541 WITH TPS62730
Bluetooth v4.0 Compliant Protocol Stack for
TPS62730 is a 2-MHz Step-Down Converter
Single-Mode BLE Solution
With Bypass Mode
Complete Power-Optimized Stack,
Extends Battery Lifetime by up to 20%
Including Controller and Host
Reduced Current in All Active Modes
GAP – Central, Peripheral, Observer, or
30-nA Bypass Mode Current to Support Low-
Broadcaster (Including Combination
Power Modes
Roles)
RF Performance Unchanged
ATT / GATT – Client and Server
Small Package Allows for Small Solution Size
SMP – AES-128 Encryption and
CC2541 Controllable
Decryption
L2CAP
DESCRIPTION
Sample Applications and Profiles
The CC2541 is a power-optimized true system-on-
chip (SoC) solution for both Bluetooth low energy and
Generic Applications for GAP Central
proprietary 2.4-GHz applications. It enables robust
and Peripheral Roles
network nodes to be built with low total bill-of-material
Proximity, Accelerometer, Simple Keys,
costs.
The
CC2541
combines
the
excellent
and Battery GATT Services
performance of a leading RF transceiver with an
More Applications Supported in BLE
industry-standard enhanced 8051 MCU, in-system
programmable flash memory, 8-KB RAM, and many
Software Stack
other powerful supporting features and peripherals.
Multiple Configuration Options
The CC2541 is highly suited for systems where
Single-Chip Configuration, Allowing
ultralow power consumption is required. This is
Applications to Run on CC2541
specified by various operating modes. Short transition
times between operating modes further enable low
Network Processor Interface for
power consumption.
Applications Running on an External
Microcontroller
The CC2541 is pin-compatible with the CC2540 in
the 6-mm × 6-mm QFN40 package, if the USB is not
BTool – Windows PC Application for
used on the CC2540 and the I2C/extra I/O is not used
Evaluation, Development, and Test
on the CC2541. Compared to the CC2540, the
CC2541 provides lower RF current consumption. The
APPLICATIONS
CC2541 does not have the USB interface of the
2.4-GHz Bluetooth low energy Systems
CC2540, and provides lower maximum output power
in TX mode. The CC2541 also adds a HW I2C
Proprietary 2.4-GHz Systems
interface.
Human-Interface Devices (Keyboard, Mouse,
Remote Control)
The CC2541 is pin-compatible with the CC2533
RF4CE-optimized IEEE 802.15.4 SoC.
Sports and Leisure Equipment
The
CC2541
comes
in
two
different
versions:
Mobile Phone Accessories
CC2541F128/F256, with 128 KB and 256 KB of flash
Consumer Electronics
memory, respectively.
For the CC2541 block diagram, see Figure 1.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541


Similar Part No. - CC2541F128RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541F128RHAT TI1-CC2541F128RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
More results

Similar Description - CC2541F128RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
List of Unclassifed Man...
NRF51822 ETC1-NRF51822 Datasheet
256Kb / 2P
   Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com