Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1210FK-1310RL Datasheet(PDF) 1 Page - YAGEO Corporation

Part # SR1210FK-1310RL
Description  SURGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR1210FK-1310RL Datasheet(HTML) 1 Page - YAGEO Corporation

  SR1210FK-1310RL Datasheet HTML 1Page - YAGEO Corporation SR1210FK-1310RL Datasheet HTML 2Page - YAGEO Corporation SR1210FK-1310RL Datasheet HTML 3Page - YAGEO Corporation SR1210FK-1310RL Datasheet HTML 4Page - YAGEO Corporation SR1210FK-1310RL Datasheet HTML 5Page - YAGEO Corporation SR1210FK-1310RL Datasheet HTML 6Page - YAGEO Corporation SR1210FK-1310RL Datasheet HTML 7Page - YAGEO Corporation SR1210FK-1310RL Datasheet HTML 8Page - YAGEO Corporation SR1210FK-1310RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
SURGE CHIP RESISTORS
AUTOMOTIVE GRADE
SR series
1%, 0.5%
sizes 0402/0603/0805/1206/1210/1218/2010/2512
RoHS compliant & Halogen free


Similar Part No. - SR1210FK-1310RL

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR12100CK RECTRON-SR12100CK Datasheet
504Kb / 7P
   Schottky Rectifier
2022-04/23 REV:C
logo
YAGEO Corporation
SR1210JK-07100KL YAGEO-SR1210JK-07100KL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR1210JK-07100KL YAGEO-SR1210JK-07100KL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
SR1210JK-07100RL YAGEO-SR1210JK-07100RL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR1210JK-07100RL YAGEO-SR1210JK-07100RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
More results

Similar Description - SR1210FK-1310RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0402JR-071RL YAGEO-SR0402JR-071RL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com