Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9184BCH Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9184BCH
Description  500 MA DUAL LDO REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9184BCH Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9184BCH Datasheet HTML 1Page - Richtek Technology Corporation RT9184BCH Datasheet HTML 2Page - Richtek Technology Corporation RT9184BCH Datasheet HTML 3Page - Richtek Technology Corporation RT9184BCH Datasheet HTML 4Page - Richtek Technology Corporation RT9184BCH Datasheet HTML 5Page - Richtek Technology Corporation RT9184BCH Datasheet HTML 6Page - Richtek Technology Corporation RT9184BCH Datasheet HTML 7Page - Richtek Technology Corporation RT9184BCH Datasheet HTML 8Page - Richtek Technology Corporation RT9184BCH Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary
RT9184
DS9184-00 March 2002
www.richtek-ic.com.tw
3
Absolute Maximum Ratings
Input Voltage
7V
Package Thermal Resistance
PSOP-8,
θJC
28
°C/W
Junction Temperature Range
-40
°C ~ 125°C
Storage Temperature Range
-65
°C ~ 150°C
Operating Temperature Range
-40
°C ~ 85°C
Lead Temperature (Soldering, 10 sec.)
260
°C
Electrical Characteristics
(VIN = 5V, CIN = COUT = 10
µF, typical values at TA = 25°C, for each LDO unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
--
6.5
V
Output Voltage Accuracy
∆VOUT IOUT = 1mA
-2
--
+2
%
Maximum Output Current
IMAX
Continuous
500
--
--
mA
Current Limit
ILIMIT
RLOAD = 1
510
--
1000
mA
GND Pin Current (Whole Chip)
IG
No Load
--
185
260
µA
Dropout Voltage
Note
VDROP
IOUT = 500mA
--
650
--
mV
Line Regulation
∆VLINE
VIN = (VOUT +0.4V or 2.7V) to 6.5V
IOUT = 1mA
-0.2
--
+0.2
%/V
Load Regulation
∆VLOAD IOUT = 1mA to 500mA
-35
-20
+5
mV
Thermal Shutdown Temperature
125
180
--
°C
Thermal Shutdown Hysteresis
TSD
--
20
--
°C
Output Voltage AC PSRR
100Hz, COUT = 10
µF
ILOAD = 100mA
--
62
--
dB
Note : Dropout voltage definition: VIN – VOUT when VOUT is 50mV below the value of VOUT (normal)


Similar Part No. - RT9184BCH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
More results

Similar Description - RT9184BCH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
   500 mA Low-Noise LDO Regulator
09/14/21
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com