Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99S73B-199N1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 99S73B-199N1
Description  EMI shielded 2-way cable plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

99S73B-199N1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  99S73B-199N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 99S73B-199N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 99S73B-199N1 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
Multi-
Power
EMI shielded
2-way cable plug
99S73B-199N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
MIL-DTL-26482H Series 2
Documents
Assembly instruction
MA_99A5
Material and plating
Connector parts
Material
Plating
Outer contact
Brass or Zinc alloy
White bronze or Tin
Body
Brass or Zinc alloy
White bronze or Tin
Dielectric
POM or PBT
Gasket
Silicone
Insert
Spring bronze
Silver, 3-6 µm
Cable clamp
PA
Protection cap
POM or equiv.


Similar Part No. - 99S73B-199N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
99S10D-40MA5-A ROSENBERGER-99S10D-40MA5-A Datasheet
381Kb / 3P
   STRAIGHT PLUG PCB
99S10D-40MA5-B ROSENBERGER-99S10D-40MA5-B Datasheet
381Kb / 3P
   STRAIGHT PLUG PCB
99S10D-40MA5-D ROSENBERGER-99S10D-40MA5-D Datasheet
381Kb / 3P
   STRAIGHT PLUG PCB
99S10D-40MA5-E ROSENBERGER-99S10D-40MA5-E Datasheet
381Kb / 3P
   STRAIGHT PLUG PCB
99S10D-40MA5-Y ROSENBERGER-99S10D-40MA5-Y Datasheet
381Kb / 3P
   STRAIGHT PLUG PCB
More results

Similar Description - 99S73B-199N1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT06-2S AMPHENOL-AT06-2S Datasheet
143Kb / 1P
   Plug, 2 Way
logo
Rosenberger Hochfrequen...
99C084-000N1 ROSENBERGER-99C084-000N1 Datasheet
97Kb / 2P
   Inline connector EMI shielded 2-pin cable adaptor
logo
Schneider Electric
TCSMCN1F9M2P SCHNEIDER-TCSMCN1F9M2P Datasheet
91Kb / 3P
   Modbus shielded cable - M12 connector - mini- DIN 8-way - 2 m
logo
OptoSupply Internationa...
AC0323510 OPTOSUPPLY-AC0323510 Datasheet
578Kb / 1P
   AWG#22 2-wire cable with 2-way 2.54 terminal plug - 0.35m
logo
DDK Ltd.
57E-30140 DDK-57E-30140 Datasheet
122Kb / 2P
   EMI Shielded Straight Plug Connector
logo
TE Connectivity Ltd
612081-6-ENV TEC-612081-6-ENV Datasheet
191Kb / 2P
   SHIELDED D369 PLUG SHELL SIZE 6, 6 WAY
logo
Amphenol Corporation
AT06-3S AMPHENOL-AT06-3S Datasheet
167Kb / 1P
   Plug, 3 Way
AT06-6S AMPHENOL-AT06-6S Datasheet
143Kb / 1P
   Plug, 6 Way
AT06-4S AMPHENOL-AT06-4S Datasheet
138Kb / 1P
   Plug, 4 Way
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
   OUTLINE 2 WAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com