Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM137QML Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM137QML
Description  3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM137QML Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM137QML Datasheet HTML 4Page - Texas Instruments LM137QML Datasheet HTML 5Page - Texas Instruments LM137QML Datasheet HTML 6Page - Texas Instruments LM137QML Datasheet HTML 7Page - Texas Instruments LM137QML Datasheet HTML 8Page - Texas Instruments LM137QML Datasheet HTML 9Page - Texas Instruments LM137QML Datasheet HTML 10Page - Texas Instruments LM137QML Datasheet HTML 11Page - Texas Instruments LM137QML Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
LM137QML
SNVS313E – DECEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM137QML
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
(2)
Tested at +125°C ; correlated to +150°C
6.10 LM137H
RH Electrical Characteristics DC Parameters 5962P9951708VXA
The following conditions apply, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
MAX
UNIT
VOUT
Output Voltage
VIN = -4.25 V, IL = 5 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -4.25 V, IL = 500 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -41.25 V, IL = 5 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -41.25 V, IL = 50 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VR Line
Line Regulation
VIN = -41.25 V to -4.25 V, IL = 5 mA
1
-9.0
9.0
mV
2, 3
-23
23
mV
VR Load
Load Regulation
VIN = -6.25 V, IL = 5 mA to 500 mA
1
-12
12
mV
2, 3
-24
24
mV
VIN = -41.25 V, IL = 5 mA to 50 mA
1
-6.0
6.0
mV
2, 3
-12
12
mV
VIN = -6.25 V, IL = 5 mA to 200 mA
1
-6.0
6.0
mV
2, 3
-12
12
mV
VRth
Thermal Regulation
VIN = -14.6 V, IL = 500 mA
1
-5.0
5.0
mV
IAdj
Adjust Pin Current
VIN = -4.25 V, IL = 5 mA
1, 2, 3
25
100
µA
VIN = -41.25 V, IL = 5 mA
1, 2, 3
25
100
µA
Δ IAdj / VLine
Adjust Pin Current
Change vs. Line Voltage
VIN = -41.25 V to -4.25 V, IL = 5 mA
1, 2, 3
-5.0
5.0
µA
Δ IAdj / ILoad
Adjust Pin Current
Change vs. Load
Current
VIN = -6.25 V, IL = 5 mA to 500 mA
1, 2, 3
-5.0
5.0
µA
IOS
Output Short Circuit
Current
VIN = -4.25 V
1, 2, 3
0.5
1.8
A
VIN = -40 V
1, 2, 3
0.05
0.5
A
VOUT Recovery
Output Voltage
Recovery After Output
Short Circuit Current
VIN = -4.25 V
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -40 V
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
IQ
Minimum Load Current
VIN = -4.25 V
1, 2, 3
0.2
3.0
mA
VIN = -14.25 V
1, 2, 3
0.2
3.0
mA
VIN = -41.25 V
1, 2, 3
1.0
5.0
mA
VStart
Voltage Start-up
VIN = -4.25 V, IL = 500 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VOUT
Output Voltage(2)
VIN = -6.25 V, IL = 5 mA
2
-1.3
-1.2
V


Similar Part No. - LM137QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML-SP TI1-LM137QML-SP Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML-SP TI-LM137QML-SP Datasheet
4Mb / 35P
[Old version datasheet]   LM117QML-SP RHA 4.25-V to 41.25-V 3-Terminal Adjustable Regulator
LM137QML-SP TI-LM137QML-SP Datasheet
1Mb / 36P
[Old version datasheet]   LM117HVQML-SP RHA 4.25-V to 60-V 3-Terminal Adjustable Regulator
OCTOBER 2021
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM137QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com