Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA230 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA230
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA230 Datasheet(HTML) 5 Page - Texas Instruments

  INA230_17 Datasheet HTML 1Page - Texas Instruments INA230_17 Datasheet HTML 2Page - Texas Instruments INA230_17 Datasheet HTML 3Page - Texas Instruments INA230_17 Datasheet HTML 4Page - Texas Instruments INA230_17 Datasheet HTML 5Page - Texas Instruments INA230_17 Datasheet HTML 6Page - Texas Instruments INA230_17 Datasheet HTML 7Page - Texas Instruments INA230_17 Datasheet HTML 8Page - Texas Instruments INA230_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
A1
A0
ALERT
SDA
IN-
BUS
GND
V
S+
1
2
3
4
12
11
10
9
INA230
www.ti.com
SBOS601
– FEBRUARY 2012
PIN CONFIGURATIONS
RGT PACKAGE
QFN-16
(TOP VIEW)
PIN DESCRIPTIONS
PIN
ANALOG/DIGITAL
INPUT/OUTPUT
NAME
NO.
DESCRIPTION
Address pin. Connect to GND, SCL, SDA, or VS. Table 7 shows pin settings and
A0
2
Digital input
corresponding addresses.
Address pin. Connect to GND, SCL, SDA, or VS. Table 7 shows pin settings and
A1
1
Digital input
corresponding addresses.
ALERT
3
Digital output
Multi-functional alert, open-drain output.
GND
10
Analog
Ground
NC
6, 7, 8, 14, 15, 16
No internal connection
SCL
5
Digital input
Serial bus clock line, open-drain input.
SDA
4
Digital input/output
Serial bus data line, open-drain input/output.
BUS
11
Analog input
Bus voltage input
IN
12
Analog input
Negative differential shunt voltage input. Connect to load side of shunt resistor.
IN+
13
Analog input
Positive differential shunt voltage input. Connect to supply side of shunt resistor.
VS
9
Analog
Power supply, 2.7 V to 5.5 V.
Thermal Pad
This pad can be connected to ground or left floating.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA230


Similar Part No. - INA230_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
More results

Similar Description - INA230_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com