Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD88599Q5DCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD88599Q5DCT
Description  60-V Half-Bridge NexFET Power Block
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD88599Q5DCT Datasheet(HTML) 2 Page - Texas Instruments

  CSD88599Q5DCT Datasheet HTML 1Page - Texas Instruments CSD88599Q5DCT Datasheet HTML 2Page - Texas Instruments CSD88599Q5DCT Datasheet HTML 3Page - Texas Instruments CSD88599Q5DCT Datasheet HTML 4Page - Texas Instruments CSD88599Q5DCT Datasheet HTML 5Page - Texas Instruments CSD88599Q5DCT Datasheet HTML 6Page - Texas Instruments CSD88599Q5DCT Datasheet HTML 7Page - Texas Instruments CSD88599Q5DCT Datasheet HTML 8Page - Texas Instruments CSD88599Q5DCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
CSD88599Q5DC
SLPS597 – APRIL 2017
www.ti.com
Product Folder Links: CSD88599Q5DC
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Specifications......................................................... 3
5.1
Absolute Maximum Ratings ...................................... 3
5.2
Recommended Operating Conditions ....................... 3
5.3
Power Block Performance ........................................ 3
5.4
Thermal Information .................................................. 4
5.5
Electrical Characteristics........................................... 4
5.6
Typical Power Block Device Characteristics............. 6
5.7
Typical Power Block MOSFET Characteristics......... 7
6
Application and Implementation .......................... 9
6.1
Application Information.............................................. 9
6.2
Brushless DC Motor With Trapezoidal Control ....... 10
6.3
Power Loss Curves ................................................. 12
6.4
Safe Operating Area (SOA) Curve.......................... 13
6.5
Normalized Power Loss Curves.............................. 13
6.6
Design Example – Regulate Current to Maintain Safe
Operation ................................................................. 13
6.7
Design Example – Regulate Board and Case
Temperature to Maintain Safe Operation ................ 14
7
Layout ................................................................... 15
7.1
Layout Guidelines ................................................... 15
7.2
Layout Example ...................................................... 16
8
Device and Documentation Support.................. 18
8.1
Receiving Notification of Documentation Updates.. 18
8.2
Community Resources............................................ 18
8.3
Trademarks ............................................................. 18
8.4
Electrostatic Discharge Caution .............................. 18
8.5
Glossary .................................................................. 18
9
Mechanical, Packaging, and Orderable
Information ........................................................... 19
9.1
Q5DC Package Dimensions ................................... 19
9.2
Land Pattern Recommendation .............................. 20
9.3
Stencil Recommendation ........................................ 21
4 Revision History
DATE
REVISION
NOTES
April 2017
*
Initial release.


Similar Part No. - CSD88599Q5DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD88537ND TI1-CSD88537ND Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD88537NDT TI1-CSD88537NDT Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI1-CSD88539ND Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539NDT TI1-CSD88539NDT Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI-CSD88539ND_15 Datasheet
985Kb / 14P
[Old version datasheet]   CSD88539ND, Dual 60 V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD88599Q5DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD88584Q5DC TI1-CSD88584Q5DC Datasheet
658Kb / 24P
[Old version datasheet]   40-V Half-Bridge NexFET Power Block
logo
STMicroelectronics
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18542KTT TI1-CSD18542KTT Datasheet
524Kb / 13P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFET
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com