Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFU620-10100 Datasheet(PDF) 6 Page - SICK AG

Part # RFU620-10100
Description  RFID
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

RFU620-10100 Datasheet(HTML) 6 Page - SICK AG

  RFU620-10100 Datasheet HTML 1Page - SICK AG RFU620-10100 Datasheet HTML 2Page - SICK AG RFU620-10100 Datasheet HTML 3Page - SICK AG RFU620-10100 Datasheet HTML 4Page - SICK AG RFU620-10100 Datasheet HTML 5Page - SICK AG RFU620-10100 Datasheet HTML 6Page - SICK AG RFU620-10100 Datasheet HTML 7Page - SICK AG RFU620-10100 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RFU620-10100 | RFU62x
RFID
Radiation pattern
–28
–25
–22
–19
–16
–13
–10
–7
–4
–1
2
15°
30°
45°
60°
75°
90°
105°
120°
135°
150°
165°
180°
–165°
–150°
–135°
–120°
–105°
–90°
–75°
–60°
–45°
–30°
–15°
Measured antenna gain in dBic at 868.5 MHz,
RHCP (right-hand circular polarized)
Elevation plane (vertical)
Azimuth plane (horizontal)
5
Recommended accessories
Other models and accessories
www.sick.com/RFU62x
Brief description
Type
Part no.
Mounting brackets and plates
Simple mounting bracket
Mounting bracket
2071067
Modules
Small connection module for one sensor, 4 cable glands, base for CMC600
CDB620-001
1042256
Fieldbus proxy/gateway for connecting identification sensors to PROFIBUS-DP networks
(PROFIBUS interface: 2 x M12, male connector/female connector, 5-pin)
CDF600-2100
1058965
Fieldbus proxy/gateway for connecting one identification sensor to PROFINET-IO net-
works (interface 2 x M12, female connector/female connector, 4-pin)
CDF600-2200
1062460
Plug connectors and cables
Head A: female connector, M12, 17-pin, straight
Head B: male connector, D-Sub-HD, 15-pin, straight
Cable: Power, serial, CAN, digital I/Os, shielded, 2 m
Connection cable
(male connector -
female connector)
2055419
6
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - RFU620-10100

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
   RFID
More results

Similar Description - RFU620-10100

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
   RFID
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
   RFID
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
   RFID
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
   RFID
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
   RFID
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
   RFID
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
   RFID
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
   RFID
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
   RFID
RFU650-10100 SICK-RFU650-10100 Datasheet
872Kb / 7P
   RFID
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
   RFID
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com