Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87200160A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200160A
Description  PC87200 PCI to ISA Bridge
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200160A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87200160A Datasheet HTML 6Page - National Semiconductor (TI) PC87200160A Datasheet HTML 7Page - National Semiconductor (TI) PC87200160A Datasheet HTML 8Page - National Semiconductor (TI) PC87200160A Datasheet HTML 9Page - National Semiconductor (TI) PC87200160A Datasheet HTML 10Page - National Semiconductor (TI) PC87200160A Datasheet HTML 11Page - National Semiconductor (TI) PC87200160A Datasheet HTML 12Page - National Semiconductor (TI) PC87200160A Datasheet HTML 13Page - National Semiconductor (TI) PC87200160A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
www.national.com
5.0 Pin Descriptions (Continued)
5.3.3 PCI Interface Signals
Signal Name
Pin No.
Type
Description
AD[31:0]
65,66,
67,68,
69,70,
73,74,
77,78,
81,82,
83,84,
85,86,
100,101,
102,103,
104,107,
108,109,
111,112,
115,116,
117,118,
119,120
I/O
t/s
PCI Address/Data
AD[31:0] is a physical address during the first clock of a PCI transaction; it is the
data during subsequent clocks.
When the PC87200 is a PCI master, AD[31:0] are outputs during the address
and write data phases, and are inputs during the read data phase of a transac-
tion.
When the PC87200 is a PCI slave, AD[31:0] are inputs during the address and
write data phases, and are outputs during the read data phase of a transaction.
C/BE[3:0]#
75,87,
99,110
I/O
t/s
PCI Bus Command and Byte Enables
During the address phase of a PCI transaction, C/BE[3:0]# defines the bus com-
mand. During the data phase of a transaction, C/BE[3:0]# are the data byte en-
ables.
C/BE[3:0]# are outputs when the PC87200 is a PCI master and are inputs when
it is a PCI slave.
IDSEL
76
I
Initialization Device Select
It is used as a chip select during configuration read and write transactions.
FRAME#
88
I/O
t/s
PCI Cycle Frame
FRAME# is asserted to indicate the start and duration of a transaction. It is deas-
serted on the final data phase.
FRAME# is an input when the PC87200 is a PCI slave.
IRDY#
91
I/O
t/s
PCI Initiator Ready
IRDY# is driven by the master to indicate valid data on a write transaction, or that
it is ready to receive data on a read transaction.
When the PC87200 is a PCI slave, IRDY# is an input that can delay the begin-
ning of a write transaction or the completion of a read transaction.
Wait cycles are inserted until both IRDY# and TRDY# are asserted together.
TRDY#
92
I/O
t/s
PCI Target Ready
TRDY# is asserted by a PCI slave to indicate it is ready to complete the current
data transfer.
TRDY# is an input that indicates a PCI slave has driven valid data on a read or
a PCI slave is ready to accept data from the PC87200 on a write.
TRDY# is an output that indicates the PC87200 has placed valid data on
AD[31:0] during a read or is ready to accept the data from a PCI master on a
write.
Wait cycles are inserted until both IRDY# and TRDY# are asserted together.
STOP#
94
I/O
t/s
PCI Stop
As an input, STOP# indicates that a PCI slave wants to terminate the current
transfer. The transfer will be aborted, retried, or disconnected.
As an output, STOP# is asserted with TRDY# to indicate a target disconnect, or
without TRDY# to indicate a target retry.


Similar Part No. - PC87200160A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87108 NSC-PC87108 Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87108AVHG NSC-PC87108AVHG Datasheet
426Kb / 56P
   Advanced UART and Infrared Controller
PC87108AVJE NSC-PC87108AVJE Datasheet
426Kb / 56P
   Advanced UART and Infrared Controller
PC87108VHG NSC-PC87108VHG Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87108VJE NSC-PC87108VJE Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
More results

Similar Description - PC87200160A

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
   2-slot CardBus Module PCI to ISA Bridge Module
logo
ITE Tech.Inc.
IT8888G ITE-IT8888G Datasheet
615Kb / 71P
   PCI-to-ISA Bridge Chip (Code Name: Golden Gate)
V0.9 2005
logo
AAEON Technology
PFM-T800 AAEON-PFM-T800 Datasheet
431Kb / 1P
   ISA Bridge (PCI-104 to PC/104) for PFM-800P
logo
Feature Integration Tec...
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
   LPC to ISA Bridge
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
   PCI/ISA Backplanes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com