Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDM140-300S Datasheet(PDF) 2 Page - SICK AG

Part # IDM140-300S
Description  HAND-HELD SCANNERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IDM140-300S Datasheet(HTML) 2 Page - SICK AG

  IDM140-300S Datasheet HTML 1Page - SICK AG IDM140-300S Datasheet HTML 2Page - SICK AG IDM140-300S Datasheet HTML 3Page - SICK AG IDM140-300S Datasheet HTML 4Page - SICK AG IDM140-300S Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IDM140-300S | IDM14x
HAND-HELD SCANNERS
Ordering information
Type
Part no.
IDM140-300S
6054538
Other models and accessories
www.sick.com/IDM14x
Detailed technical data
Features
Version
Standard Range
Field of application
General Purpose
Scanner design
1D code hand-held scanner
Light source
Visible red light (630 nm)
Scanning frequency
≤ 500 Hz
Code resolution
≥ 0.076 mm
Reading distance
20 mm ... 850 mm 1)
1) For details see reading field diagram.
Performance
Readable code structures
1D
Bar code types
Codabar, Code 39, Code 32, UPC-A, UPC-E, Standard and Industrial 2 of 5, Interleaved & Ma-
trix 2 of 5, Code 128, UCC/EAN-128, Code 11, Code 93, German ITF Postal Code, Mainland
China Postal Code, Telepen, MSI/Plessey, UK/Plessey, Limited/Expanded GS1 DataBar, Code
39 Trioptic, IATA, UPC / EAN / JAN (with addition)
Interfaces
Ethernet
✔, TCP/IP
Type of fieldbus integration Optional, over external connection module CDM + CMF
PROFINET
Function PROFINET Dual Port (optional via external connection module CDF600-2)
EtherCAT®
Type of fieldbus integration Optional over external fieldbus module CDF600
Serial
✔, RS-232 TTL
PROFIBUS DP
Type of fieldbus integration Optional over external fieldbus module CDF600-2
DeviceNet™
Type of fieldbus integration Optional, over external connection module CDM + CMF
USB
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - IDM140-300S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
More results

Similar Description - IDM140-300S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
   HAND-HELD SCANNERS
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
   HAND-HELD SCANNERS
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
   HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
   HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
   HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
logo
Fuji Electric
EDS8-47N FUJI-EDS8-47N Datasheet
455Kb / 4P
   HAND-HELD COMMUNICATOR < HHC >
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
   Hand Held Torque Wrenches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com