Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN1222 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1222
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1222 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1222 Datasheet HTML 1Page - Toshiba Semiconductor RN1222 Datasheet HTML 2Page - Toshiba Semiconductor RN1222 Datasheet HTML 3Page - Toshiba Semiconductor RN1222 Datasheet HTML 4Page - Toshiba Semiconductor RN1222 Datasheet HTML 5Page - Toshiba Semiconductor RN1222 Datasheet HTML 6Page - Toshiba Semiconductor RN1222 Datasheet HTML 7Page - Toshiba Semiconductor RN1222 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1221,RN1222,RN1223,RN1224,RN1225,RN1226,RN1227
2001-06-07
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50V, IE = 0
100
Collector cut-off current
RN1221~1227
ICEO
VCE = 50V, IB = 0
500
nA
RN1221
3.85
7.14
RN1222
1.75
3.25
RN1223

0.82
1.52
RN1224
VEB = 10V, IC = 0
0.38
0.71
RN1225

0.365
0.682
RN1226
VEB = 5V, IC = 0
0.35
0.65
Emitter cut-off current
RN1227
IEBO
VEB = 6V, IC = 0
0.378
0.703
mA
RN1221
60
RN1222
65
RN1223

70
RN1224
90
RN1225

90
RN1226
90
DC current gain
RN1227
hFE
VCE = 5V, IC = 100mA
90
RN1221
IC = 50mA, IB = 2mA
Collector-emitter
saturation voltage
RN1222~1227
VCE (sat)
IC = 50mA, IB = 1mA
0.25
V
RN1221
1.0
3.5
RN1222
1.4
4.5
RN1223

2.0
6.5
RN1224
3.0
12.0
RN1225

0.6
2.0
RN1226
0.7
2.5
Input voltage (ON)
RN1227
VI (ON)
VCE = 0.2V, IC = 100mA
1.0
3.0
V
RN1221~1224
0.8
1.3
RM1225, 1226
0.4
0.8
Input voltage (OFF)
RN1227
VI (OFF)
VCE = 5V, IC = 0.1mA
0.5
1.0
V
Translation frequency
RN1221~1227
fT

VCE = 5V, IC = 20mA
300
MHz
Collector output
capacitance
RN1221~1227
Cob

VCB = 10V, IE = 0,
f = 1MHz
7
pF


Similar Part No. - RN1222

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1222 TOSHIBA-RN1222 Datasheet
544Kb / 8P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1222

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com