Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF13NM06N-H Datasheet(PDF) 11 Page - STMicroelectronics

Part # STF13NM06N-H
Description  Low gate input resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF13NM06N-H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STF13NM06N-H Datasheet HTML 5Page - STMicroelectronics STF13NM06N-H Datasheet HTML 6Page - STMicroelectronics STF13NM06N-H Datasheet HTML 7Page - STMicroelectronics STF13NM06N-H Datasheet HTML 8Page - STMicroelectronics STF13NM06N-H Datasheet HTML 9Page - STMicroelectronics STF13NM06N-H Datasheet HTML 10Page - STMicroelectronics STF13NM06N-H Datasheet HTML 11Page - STMicroelectronics STF13NM06N-H Datasheet HTML 12Page - STMicroelectronics STF13NM06N-H Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STF13NM60N-H
Package mechanical data
Doc ID 16963 Rev 1
11/13
Figure 22.
TO-220FP drawing
Table 9.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D
2.5
2.75
E0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
7012510_Rev_K
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1


Similar Part No. - STF13NM06N-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF13NM50N STMICROELECTRONICS-STF13NM50N Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
STF13NM50N STMICROELECTRONICS-STF13NM50N Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
logo
Inchange Semiconductor ...
STF13NM60N ISC-STF13NM60N Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STF13NM06N-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com