Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDLED625 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDLED625
Description  Gate charge minimized
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED625 Datasheet(HTML) 3 Page - STMicroelectronics

  STDLED625 Datasheet HTML 1Page - STMicroelectronics STDLED625 Datasheet HTML 2Page - STMicroelectronics STDLED625 Datasheet HTML 3Page - STMicroelectronics STDLED625 Datasheet HTML 4Page - STMicroelectronics STDLED625 Datasheet HTML 5Page - STMicroelectronics STDLED625 Datasheet HTML 6Page - STMicroelectronics STDLED625 Datasheet HTML 7Page - STMicroelectronics STDLED625 Datasheet HTML 8Page - STMicroelectronics STDLED625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID025167 Rev 1
3/18
STDLED625, STULED625
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
620
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
5.0(1)
1.
Limited only by maximum temperature allowed.
A
ID
Drain current (continuous) at TC = 100 °C
3.5(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
20.0(1)
A
PTOT
Total dissipation at TC = 25 °C
70
W
IAR
Avalanche current, repetitive or not-repetitive (pulse
width limited by TJ max.)
4.2
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
120
mJ
dv/dt(3)
3.
ISD ≤ ID, peak VDS ≤ V(BR)DSS, VDD = 80% V(BR)DSS.
Peak diode recovery voltage slope
12
V/ns
di/dt(3)
Diode reverse recovery current slope
400
A/µs
VISO
Insulation withstand voltage (AC)
V
TJ
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
IPAK
DPAK
Rthj-case Thermal resistance junction-case max.
1.79
°C/W
Rthj-amb
Thermal resistance junction-amb max.
62.50
°C/W
Rthj-pcb
Thermal resistance junction-pcb max.
50
°C/W
TJ
Maximum lead temperature for
soldering purpose
300
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STDLED625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
More results

Similar Description - STDLED625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
   Gate charge minimized
August 2013 Rev 1
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
   Gate charge minimized
July 2008 Rev 2
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
   Gate charge minimized
March 2013 Rev 1
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
   Gate charge minimized
June 2013 Rev 3
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
STF11N65K3 STMICROELECTRONICS-STF11N65K3 Datasheet
815Kb / 13P
   Gate charge minimized
October 2011 Rev 2
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
   N-Channel Advanced Power MOSFET Gate charge minimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com