Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA3354NS Datasheet(PDF) 2 Page - International Rectifier

Part # PVA3354NS
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA3354NS Datasheet(HTML) 2 Page - International Rectifier

  PVA3354NS Datasheet HTML 1Page - International Rectifier PVA3354NS Datasheet HTML 2Page - International Rectifier PVA3354NS Datasheet HTML 3Page - International Rectifier PVA3354NS Datasheet HTML 4Page - International Rectifier PVA3354NS Datasheet HTML 5Page - International Rectifier PVA3354NS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVA33N
2
www.irf.com
INPUT CHARACTERISTICS
PVA2352N PVA3324N PVA3354N
Units
Minimum Control Current (see figures 1 and 2)
DC
For 60mA Continuous Load Current
--
1
--
mA@25°C
For 170mA Continuous Load Current
2
2
2
mA@25°C
For 100mA Continuous Load Current
5
2
5
mA@85°C
Maximum Control Current for Off-State Resistance at 25°C
10
µA(DC)
Control Current Range (Caution: current limit input LED. See figure 6)
2.0 to 25
mA(DC)
Maximum Reverse Voltage
7.0
V(DC)
Electrical Specifications (-40
°C ≤ T
A ≤ +85°C unless otherwise specified)
OUTPUT CHARACTERISTICS
PVA2352N PVA3324N PVA3354N
Units
Operating Voltage Range
0 to ± 200
0 to ± 300
V(PEAK)
Maxiumum Load Current 40°C I LED 5mA
150
mA(DC)
Max. On-state Resistance 25°C (Pulsed) (fig. 4) 50 mA Load, 5mA Control
24
Min. Off-state Resistance @ 25°C (see figure 5)
108@160VDC
1010 @ 240VDC
Response Time @25°C (see figures 7 and 8)
Max. T(on) @ 12mA Control, 50 mA Load, 100 VDC
100
µs
Max. T(off) @ 12mA Control, 50 mA Load, 100 VDC
110
µs
Max. Thermal Offset Voltage @ 5.0mA Control
0.2
µvolts
Min. Off-State dv/dt
1000
V/µs
Typical Output Capacitance (see figure 10)
6
pF @ 50V
GENERAL CHARACTERISTICS
(PVA2352N, PVA3324N
and PVA3354N)
Units
Dielectric Strength: Input-Output
4000
VRMS
Insulation Resistance: Input-Output @ 90VDC
1012 @ 25°C - 50% RH
Maximum Capacitance: Input-Output
1.0
pF
Max. Pin Soldering Temperature (1.6mm below seating plane, 10 seconds max.)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.


Similar Part No. - PVA3354NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA3354NSPBF IRF-PVA3354NSPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results

Similar Description - PVA3354NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVN012APBF IRF-PVN012APBF Datasheet
129Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com