Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD36P4LLF6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD36P4LLF6
Description  P-channel 40 V, 0.0175typ.,36 A, STripFET??F6 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD36P4LLF6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD36P4LLF6 Datasheet HTML 3Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 4Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 5Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 6Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 7Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 8Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 9Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 10Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STD36P4LLF6
Electrical characteristics
DocID025616 Rev 2
7/16
Figure 8: Static drain-source on-resistance
Figure 9: Normalized on-resistance vs.
temperature
Figure 10: Gate charge vs gate-source voltage
Figure 11: Capacitance variations voltage
Figure 12: Source-drain diode forward characteristics


Similar Part No. - STD36P4LLF6

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD36P4LLF6 VBSEMI-STD36P4LLF6 Datasheet
973Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD36P4LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
   P-channel 40 V, 0.0175 廓 typ.,8 A, STripFET??F6 Power MOSFET in a PowerFLAT??3.3 x 3.3 package
March 2015 Rev 2
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
   P-channel 60 V, 0.025 廓 typ., 35 A STripFET??F6 Power MOSFET in a DPAK package
April 2017 Rev 3
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
   N-channel 40 V, 2.5 m廓 typ., 80 A STripFET??F6 Power MOSFET in a DPAK package
July 2016 Rev 2
STD45P4LLFAG STMICROELECTRONICS-STD45P4LLFAG Datasheet
603Kb / 16P
   Automotive-grade P-channel -40 V, 12 m廓 typ., -50 A STripFET??F6 Power MOSFET in a DPAK package
July 2015 Rev 2
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
   P-channel 40 V, 0.0115 廓 typ.,60 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
December 2014 Rev 2
STL42P4LLF6 STMICROELECTRONICS-STL42P4LLF6 Datasheet
451Kb / 14P
   P-channel 40 V, 0.0155 廓 typ.,42 A, STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
March 2015 Rev 2
STS10P4LLF6 STMICROELECTRONICS-STS10P4LLF6 Datasheet
740Kb / 14P
   P-channel 40 V, 0.0125 廓 typ., 10 A, StripFET??F6 Power MOSFET in SO-8 package
December 2014 Rev 3
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
   P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
Rev 3 - April 2022
STD40P3LLH6 STMICROELECTRONICS-STD40P3LLH6 Datasheet
734Kb / 16P
   P-channel -30 V, 12 m廓 typ., -40 A STripFET??H6 Power MOSFET in a DPAK package
March 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com