Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD3LN80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3LN80K5
Description  N-channel 800 V, 2.75typ., 2 A MDmesh??K5 Power MOSFET in a DPAK package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3LN80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STD3LN80K5 Datasheet HTML 1Page - STMicroelectronics STD3LN80K5 Datasheet HTML 2Page - STMicroelectronics STD3LN80K5 Datasheet HTML 3Page - STMicroelectronics STD3LN80K5 Datasheet HTML 4Page - STMicroelectronics STD3LN80K5 Datasheet HTML 5Page - STMicroelectronics STD3LN80K5 Datasheet HTML 6Page - STMicroelectronics STD3LN80K5 Datasheet HTML 7Page - STMicroelectronics STD3LN80K5 Datasheet HTML 8Page - STMicroelectronics STD3LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2016
DocID027714 Rev 2
1/15
This is information on a product in full production.
www.st.com
STD3LN80K5
N-
channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
V DS
RDS(on) max
ID
STD3LN80K5
800 V
3.25 Ω
2 A
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STD3LN80K5
3LN80K5
DPAK
Tape and reel
D(2, TAB)
G(1)
S(3)
AM01476v1


Similar Part No. - STD3LN80K5

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD3LN62K3 STMICROELECTRONICS-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
logo
VBsemi Electronics Co.,...
STD3LN62K3 VBSEMI-STD3LN62K3 Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - STD3LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
   N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
July 2016
STB5N80K5 STMICROELECTRONICS-STB5N80K5 Datasheet
904Kb / 15P
   N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
STD5N80K5 STMICROELECTRONICS-STD5N80K5 Datasheet
820Kb / 16P
   N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
STD4N90K5 STMICROELECTRONICS-STD4N90K5 Datasheet
813Kb / 15P
   N-channel 900 V, 1.90 廓 typ.,3 A MDmesh??K5 Power MOSFET in a DPAK package
November 2016 Rev 1
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STFI5N80K5 STMICROELECTRONICS-STFI5N80K5 Datasheet
723Kb / 12P
   N-channel 800 V, 1.50 廓 typ., 4 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
May 2016
STB23N80K5 STMICROELECTRONICS-STB23N80K5 Datasheet
903Kb / 15P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a D짼PAK package
August 2015 Rev 1
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
   N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
DS11297 - Rev 3 - November 2018
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
   N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
March 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com