Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CT6EP103 Datasheet(PDF) 6 Page - Copal Electronics

Part No. CT6EP103
Description  SINGLE TURN CERMET TRIMMERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COPAL [Copal Electronics]
Homepage  http://www.nidec-copal-electronics.com/e
Logo 

CT6EP103 Datasheet(HTML) 6 Page - Copal Electronics

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4.4
4.4
3
1
2
3 –
0.45
φ
7.6
5.52
0.3
Resistance code&
Production date code
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
5.8
72
3
1
2
2.5 2.5
260 Nom.
7
Resistance code &
Production date code
3 –
0.45
φ
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
CT-6
CERMET TRIMMERS
<Taping packaging specifications>
O Taping version is packaged in 1000 pcs. per reel.
Orders will be accepted for units of 1000 pcs., i.e., 1000,
2000, 3000 pcs., etc.
O Taping version (ammo pack type) is boxed with one reel
(1000 pcs.).
PACKAGING SPECIFICATIONS
Ammo pack type
O CT-6EF
Rear adjustment
O CT-6ER
Top adjustment
Semi-standard products
Semi-standard products
CW rotation
1
2
3
#1 terminal
Direction of feed
Direction of feed
#3 terminal
330
330
Ammo Pack
O Package size: 330 mm × 330 mm × 45 mm
O The leader and end of the tape have an empty part of
minimum 300 mm respectively.
O There are two tape outlets on the package for different terminal
alignment directions, for which details refer to the sketch above.
(e.g.) When the tape is fed from the right outlet marked
3, #3
terminal comes out first.
O Gross weight of the boxing version ETV : Approx. 840 g
ETH : Approx. 930 g
ETP : Approx. 850 g
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn