Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LET9180 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LET9180
Description  Excellent thermal stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9180 Datasheet(HTML) 1 Page - STMicroelectronics

  LET9180 Datasheet HTML 1Page - STMicroelectronics LET9180 Datasheet HTML 2Page - STMicroelectronics LET9180 Datasheet HTML 3Page - STMicroelectronics LET9180 Datasheet HTML 4Page - STMicroelectronics LET9180 Datasheet HTML 5Page - STMicroelectronics LET9180 Datasheet HTML 6Page - STMicroelectronics LET9180 Datasheet HTML 7Page - STMicroelectronics LET9180 Datasheet HTML 8Page - STMicroelectronics LET9180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
May 2013
DocID024706 Rev 1
1/10
10
LET9180
180 W, 32 V Wideband LDMOS transistor
Datasheet
- target specification
Figure 1. Pin connection
Features
• Excellent thermal stability
• Common source configuration push-pull
• POUT = 180 W with 19 dB gain @ 860 MHz
• BeO-free package
Description
The LET9180 is a common source n-channel
enhancement-mode lateral field-effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to 2
GHz.
M246
Epoxy sealed
1-2 Drain
4-5 Gate
3 Source
12
4
5
Table 1. Device summary
Order code
Packaging
Branding
LET9180
M246
LET9180
www.st.com


Similar Part No. - LET9180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9120 STMICROELECTRONICS-LET9120 Datasheet
208Kb / 11P
   RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
LET9130 STMICROELECTRONICS-LET9130 Datasheet
57Kb / 6P
   RF POWER TRANSISTORS Ldmos Enhanced Technology
LET9150 STMICROELECTRONICS-LET9150 Datasheet
325Kb / 12P
   RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
More results

Similar Description - LET9180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com