Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FERD60M45C Datasheet(PDF) 5 Page - STMicroelectronics

Part # FERD60M45C
Description  Stable leakage current over reverse voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD60M45C Datasheet(HTML) 5 Page - STMicroelectronics

  FERD60M45C Datasheet HTML 1Page - STMicroelectronics FERD60M45C Datasheet HTML 2Page - STMicroelectronics FERD60M45C Datasheet HTML 3Page - STMicroelectronics FERD60M45C Datasheet HTML 4Page - STMicroelectronics FERD60M45C Datasheet HTML 5Page - STMicroelectronics FERD60M45C Datasheet HTML 6Page - STMicroelectronics FERD60M45C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DocID024892 Rev 1
5/7
FERD60M45C
Package Information
7
Table 5. TO-220AB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.17
0.18
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.045
0.067
c
0.48
0.70
0.019
0.027
D
15.25
15.75
0.60
0.62
D1
1.27 typ.
0.05 typ.
E
10
10.40
0.39
0.41
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.19
0.20
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.24
0.26
J1
2.40
2.72
0.094
0.107
L13
14
0.51
0.55
L1
3.50
3.93
0.137
0.154
L20
16.40 typ.
0.64 typ.
L30
28.90 typ.
1.13 typ.
P
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116


Similar Part No. - FERD60M45C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD60H100C-Y STMICROELECTRONICS-FERD60H100C-Y Datasheet
196Kb / 8P
   100 V, 2 x 30 A field-effect rectifier diode
Rev 2 - April 2021
FERD60H100CGY-TR STMICROELECTRONICS-FERD60H100CGY-TR Datasheet
196Kb / 8P
   100 V, 2 x 30 A field-effect rectifier diode
Rev 2 - April 2021
FERD60U45C STMICROELECTRONICS-FERD60U45C Datasheet
138Kb / 7P
   ST advanced rectifier process
November 2013 Rev 1
More results

Similar Description - FERD60M45C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30S50 STMICROELECTRONICS-FERD30S50 Datasheet
150Kb / 8P
   Stable leakage current over reverse voltage
November 2013 Rev 2
FERD20U50 STMICROELECTRONICS-FERD20U50 Datasheet
148Kb / 8P
   Stable leakage current over reverse voltage
August 2015 Rev 3
FERD20U60 STMICROELECTRONICS-FERD20U60 Datasheet
153Kb / 8P
   Stable leakage current over reverse voltage
June 2014 Rev 2
logo
Sangdest Microelectroni...
SDURD2060 SMC-SDURD2060 Datasheet
341Kb / 5P
   Low Reverse Leakage Current
SDURD2020CT SMC-SDURD2020CT Datasheet
320Kb / 5P
   Low Reverse Leakage Current
89CNQ SMC-89CNQ Datasheet
178Kb / 5P
   Ultra low reverse leakage current
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
AIMTEC
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
   Over current, Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
   Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
   Over current, Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com