Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8477BV-1 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477BV-1
Description  Advanced Floppy Disk Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477BV-1 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC8477BV-1 Datasheet HTML 1Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 2Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 3Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 4Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 5Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 6Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 7Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 8Page - National Semiconductor (TI) PC8477BV-1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
10 Introduction
The PC8477B advanced floppy disk controller is suitable for
all PC-AT EISA PS2 and general purpose applications
The operational mode (PC-AT PS2 and Model 30) of the
PC8477B is determined by hardware strapping of the IDENT
and MFM pins DP8473 and Intel 82077AA software com-
patibility is provided Key features include the 16 byte FIFO
PS2 diagnostic register support the perpendicular record-
ing mode CMOS disk interface and a high performance
analog data separator
The PC8477B supports the standard PC data rates of 250
300 500 kbs and 1 Mbs in MFM encoded data mode but
is no longer guaranteed through functional testing to sup-
port the older FM encoded data mode References to the
older FM mode remain in this document to clarify the true
functional operation of the device
The 1 Mbs data rate is used by new high performance tape
and floppy drives emerging in the PC market today The new
floppy drives utilize high density media which requires the
PC8477B supported perpendicular recording mode format
When used with the 1 Mbs data rate this new format allows
the use of 4 Mb floppy drives which format ED media to
288 MB data capacity
The high performance internal analog data separator needs
no external components It improves on the window margin
performance standards of the DP8473 and is compatible
with the strict data separator requirements of floppy and
floppy-tape drives
The PC8477B contains write precompensation and circuitry
that will default to 125 ns for 250 300 and 500 kbs
4167 ns at 1 Mbs These values can be overridden
through software to disable write precompensation or to
provide levels of precompensation up to 250 ns The
PC8477B has internal 12 mA data bus buffers which allow
direct connection to the system bus The internal 48 mA
totem-pole disk interface buffers are compatible with both
CMOS drive inputs and 150X resistor terminated disk drive
inputs
The PC8477B is available in a 68 pin Plastic Leaded Chip
Carrier (PLCC) package and in a 60 pin Plastic Quad Flat
Package (PQFP)
4


Similar Part No. - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847 SHARP-PC847 Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
More results

Similar Description - PC8477BV-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com