Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT2253T Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT2253T
Description  High-Speed CMOS Dual 4-Input Multiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT2253T Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT2253T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2253T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2253T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2253T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2253T Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS2009A 03/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT153T/253T
(25
Ω Series) PI74FCT2153T/2253T
HIGH SPEED CMOS DUAL 4-INPUT MULTIPLEXER
Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are pro-
duced in the Company’s advanced 0.8 micron CMOS technology,
achieving industry leading speed grades. All PI74FCT2XXX devices
have a built-in 25-ohm series resistor on all outputs to reduce noise
resulting from reflections, thus eliminating the need for an external
terminating resistor.
The PI74FCT153T/253T and PI74FCT2153T/2253T are high-
speed dual 4-input multiplexers. The PI74FCT153T/2153T has
TTL outputs, while the PI74FCT253T/2253T has 3-state outputs.
The output buffers are designed with a power-off disable allowing
“live insertion” of boards when used as backplane drivers.
Logic Block Diagram
Product Features:
• PI74FCT153T/253T/2153T/2253T is pin compatible with
bipolar FAST™ Series at a higher speed and lower power
consumption
•25
Ω series resistor on all outputs ( FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs (25
Ω series only)
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
– 16-pin 150 mil wide plastic QSOP (Q)
– 16-pin 300 mil wide plastic SOIC (S)
– 16-pin 150 mil wide plastic SOIC (W)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT153T/253T
(25
Ω Series) PI74FCT2153T/2253T
High-Speed CMOS Dual 4-Input Multiplexer
Ob
I3b
I2b
I1b
I0b
Oa
I3a
I2a
I1a
I0a
S0
S1
Ea
Eb
3-State Enable
on 253 Only


Similar Part No. - PI74FCT2253T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT2257AT PERICOM-PI74FCT2257AT Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
PI74FCT2257CT PERICOM-PI74FCT2257CT Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
PI74FCT2257T PERICOM-PI74FCT2257T Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
More results

Similar Description - PI74FCT2253T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT253AT IDT-IDTQS74FCT253AT Datasheet
69Kb / 6P
   HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER
IDTQS74FCT153AT IDT-IDTQS74FCT153AT Datasheet
68Kb / 6P
   HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER
logo
Texas Instruments
CD74HC253M TI1-CD74HC253M Datasheet
397Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253 TI-CD74HC253 Datasheet
58Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC153 TI-CD74HC153 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
logo
IK Semicon Co., Ltd
IN74AC153 IKSEMICON-IN74AC153 Datasheet
229Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC153 KODENSHI-KK74AC153 Datasheet
322Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT153 IKSEMICON-IN74ACT153 Datasheet
228Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC153 INTEGRAL-IN74AC153 Datasheet
196Kb / 5P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com