Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40ST1040AXMPN Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1040AXMPN
Description  40 PIN SMD ETHERNET 10/100 BASE ?밫X HIGH SPEED LAN MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1040AXMPN Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1040AXMPN Datasheet HTML 1Page - Bothhand USA, LP. 40ST1040AXMPN Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40 PIN SMD ETHERNET 10/100 BASE –TX HIGH SPEED LAN MAGNETICS
P/N: 40ST1040AXMPN LF DATA SHEET
Page : 1/2
A01(09/07)
Feature
IEEE 802.3 Ethernet compatible .
100 Base-TX Surface mountable .
Design for multi-port repeater and Ethernet switching HUB
application .
Customer designs available for specific application.
Comply with ROHS & Halogen Free requirements.
Operating temperature range : -40℃ to +85℃.
Storage temperature range: -40℃ to +85℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL(uH Min)
@100KHz/0.1V
with 8mA DC Bias
L.L
(uH Max)
CW/W
(pF Max)
HI-POT
(Vrms)
40ST1040AXMPN LF
1CT:1CT
1CT:1CT
350
0.4
28
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3–100MHz 0.3-30MHz 30-60MHz 60-80MHz 0.3-60MHz 60-100MHz 60MHz 100MHz 200MHz
40ST1040AXMPN LF
-1.15
-16
-12
-10
-40
-35
-37
-28
-25
Schematic
Mechanical
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - 40ST1040AXMPN

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1040AXMPN-LF BOTHHAND-40ST1040AXMPN-LF Datasheet
714Kb / 2P
   Customer designs available for specific application
40ST1040AXMPNLF BOTHHAND-40ST1040AXMPNLF Datasheet
714Kb / 2P
   40 PIN SMD ETHERNET 10/100 BASE ?밫X HIGH SPEED LAN MAGNETICS
More results

Similar Description - 40ST1040AXMPN

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1040AXMPNLF BOTHHAND-40ST1040AXMPNLF Datasheet
714Kb / 2P
   40 PIN SMD ETHERNET 10/100 BASE ?밫X HIGH SPEED LAN MAGNETICS
40SS1141AXHF BOTHHAND-40SS1141AXHF Datasheet
709Kb / 2P
   40 PIN SMD ETHERNET 10/100 BASE ?밫X HIGH SPEED LAN MAGNETICS
40ST1041AX-Y BOTHHAND-40ST1041AX-Y Datasheet
215Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AXH BOTHHAND-40ST1041AXH Datasheet
286Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041RXLF BOTHHAND-40ST1041RXLF Datasheet
263Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041TX BOTHHAND-40ST1041TX Datasheet
292Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041RX BOTHHAND-40ST1041RX Datasheet
285Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1141AX BOTHHAND-40ST1141AX Datasheet
289Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1024X BOTHHAND-40ST1024X Datasheet
273Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX-E BOTHHAND-40ST1041AX-E Datasheet
286Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com