Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH6010-Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH6010-Y
Description  Very low conduction and switching losses
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6010-Y Datasheet(HTML) 7 Page - STMicroelectronics

  STTH6010-Y Datasheet HTML 1Page - STMicroelectronics STTH6010-Y Datasheet HTML 2Page - STMicroelectronics STTH6010-Y Datasheet HTML 3Page - STMicroelectronics STTH6010-Y Datasheet HTML 4Page - STMicroelectronics STTH6010-Y Datasheet HTML 5Page - STMicroelectronics STTH6010-Y Datasheet HTML 6Page - STMicroelectronics STTH6010-Y Datasheet HTML 7Page - STMicroelectronics STTH6010-Y Datasheet HTML 8Page - STMicroelectronics STTH6010-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DocID018924 Rev 2
7/9
STTH6010-Y
Package information
9
Table 6. DO-247 package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
4.85
5.15
0.191
0.203
D
2.20
2.60
0.086
0.102
E
0.40
0.80
0.015
0.031
F
1.00
1.40
0.039
0.055
F2
2.00
0.078
F3
2.00
2.40
0.078
0.094
G
10.90
0.429
H
15.45
15.75
0.608
0.620
L
19.85
20.15
0.781
0.793
L1
3.70
4.30
0.145
0.169
L2
18.50
0.728
L3
14.20
14.80
0.559
0.582
L4
34.60
1.362
L5
5.50
0.216
M
2.00
3.00
0.078
0.118
V5°
V2
60°
60°
Dia.
3.55
3.65
0.139
0.143


Similar Part No. - STTH6010-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6010 STMICROELECTRONICS-STTH6010 Datasheet
132Kb / 8P
   Ultrafast recovery - high voltage diode
STTH6010W STMICROELECTRONICS-STTH6010W Datasheet
132Kb / 8P
   Ultrafast recovery - high voltage diode
More results

Similar Description - STTH6010-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GA100TS120UPBF VISHAY-VS-GA100TS120UPBF Datasheet
263Kb / 10P
   Very low conduction and switching losses
Revision: 26-Mar-12
logo
International Rectifier
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
logo
STMicroelectronics
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
   Very low conduction losses
February 2014 Rev 1
logo
Vishay Siliconix
VS-GA200HS60S1PBF VISHAY-VS-GA200HS60S1PBF Datasheet
154Kb / 7P
   Very low conduction losses
Revision: 10-Jun-15
logo
Bruckewell Technology L...
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
   Very low conduction losses
logo
International Rectifier
IRF6631PBF IRF-IRF6631PBF_15 Datasheet
253Kb / 10P
   Low Switching and Conduction Losses
logo
Sangdest Microelectroni...
ST30100DJF SMC-ST30100DJF Datasheet
131Kb / 4P
   Very small conduction losses
logo
Vishay Siliconix
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
   Reduced switching and conduction losses
Rev. B, 16-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com