Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9534D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9534D
Description  8-bit I2C and SMBus, low power I/O port with interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9534D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9534D Datasheet HTML 6Page - NXP Semiconductors PCA9534D Datasheet HTML 7Page - NXP Semiconductors PCA9534D Datasheet HTML 8Page - NXP Semiconductors PCA9534D Datasheet HTML 9Page - NXP Semiconductors PCA9534D Datasheet HTML 10Page - NXP Semiconductors PCA9534D Datasheet HTML 11Page - NXP Semiconductors PCA9534D Datasheet HTML 12Page - NXP Semiconductors PCA9534D Datasheet HTML 13Page - NXP Semiconductors PCA9534D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9534
8-bit I2C and SMBus low power I/O port with interrupt
2004 Sep 30
10
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take
precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under “
Handling MOS devices”.
DC CHARACTERISTICS
VDD = 2.3 V to 5.5 V; VSS = 0 V; Tamb = –40 °C to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
VDD
Supply voltage
2.3
5.5
V
IDD
Supply current
Operating mode; VDD = 5.5 V; no load;
fSCL = 100 kHz
104
175
µA
Istbl
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VSS; fSCL = 0 kHz; I/O = inputs
0.25
1
µA
Istbh
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VDD; fSCL = 0 kHz; I/O = inputs
0.25
1
µA
VPOR
Power-on reset voltage (Note 1)
No load; VI = VDD or VSS
1.5
1.65
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
–0.5
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
3
mA
IL
Leakage current
VI = VDD = VSS
–1
+1
µA
CI
Input capacitance
VI = VSS
5
10
pF
I/Os
VIL
LOW-level input voltage
–0.5
0.8
V
VIH
HIGH-level input voltage
2.0
5.5
V
VOL = 0.5 V; VDD = 2.3 V; Note 2
8
10
mA
VOL = 0.7 V; VDD = 2.3 V; Note 2
10
13
mA
IO
LOW level output current
VOL = 0.5 V; VDD = 4.5 V; Note 2
8
17
mA
IOL
LOW-level output current
VOL = 0.7 V; VDD = 4.5 V; Note 2
10
24
mA
VOL = 0.5 V; VDD = 3.0 V; Note 2
8
14
mA
VOL = 0.7 V; VDD = 3.0 V; Note 2
10
19
mA
IOH = –8 mA; VDD = 2.3 V; Note 3
1.8
V
IOH = –10 mA; VDD = 2.3 V; Note 3
1.7
V
VO
HIGH level output voltage
IOH = –8 mA; VDD = 3.0 V; Note 3
2.6
V
VOH
HIGH-level output voltage
IOH = –10 mA; VDD = 3.0 V; Note 3
2.5
V
IOH = –8 mA; VDD = 4.5 V; Note 3
4.1
V
IOH = –10 mA; VDD = 4.5 V; Note 3
4.0
V
IIL
Input leakage current
VI = VDD = VSS
–1
1
µA
CI
Input capacitance
5
10
pF
Interrupt INT
IOL
LOW-level output current
VOL = 0.4 V
3
mA
Select Inputs A0, A1, A2
VIL
LOW-level input voltage
–0.5
0.8
V
VIH
HIGH-level input voltage
2.0
5.5
V
ILI
Input leakage current
–1
1
µA
NOTES:
1. VDD must be lowered to 0.2 V in order to reset part.
2. Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.
3. The total current sourced by all I/Os must be limited to 85 mA.


Similar Part No. - PCA9534D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9534D NXP-PCA9534D Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
logo
Texas Instruments
PCA9534DB TI-PCA9534DB Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534DB TI1-PCA9534DB Datasheet
1Mb / 40P
[Old version datasheet]   Interrupt Output and Configuration Registers
PCA9534DBG4 TI-PCA9534DBG4 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534DBQR TI-PCA9534DBQR Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9534D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
   8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com