Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPSC15H12-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC15H12-Y
Description  Robust high voltage periphery
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC15H12-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC15H12-Y Datasheet HTML 1Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC15H12-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPSC15H12-Y
2/8
DocID029723 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage (Tj = -40 °C to +175 °C)
1200
V
IF(RMS)
Forward rms current
38
A
IF(AV)
Average forward current
TC = 155 °C, DC current
15
A
IFRM
Repetitive peak forward
current
TC = 155 °C, Tj
= 175 °C, δ = 0.1
58
A
IFSM
Surge non repetitive
forward current
tp = 10 ms sinusoidal
TC = 25 °C
105
A
TC = 150 °C
90
tp = 10 µs square
TC = 25 °C
630
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature
-40 to +175
°C
Table 3: Thermal parameters
Symbol
Parameter
Typ.
value
Max.
value
Unit
Rth(j-c)
Junction to case
0.45
0.6
°C/W
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
7.5
90
µA
Tj = 150 °C
-
45
600
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 15 A
-
1.35
1.50
V
Tj = 150 °C
-
1.75
2.25
Notes:
(1)Pulse test: tp = 10 ms, δ < 2%
(2)Pulse test: tp = 500 µs, δ < 2%
To evaluate the conduction losses use, the following equation:
P = 1.09 x IF(AV) + 0.0775 x IF2(RMS)
Table 5: Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
QCj(1)
Total capacitive charge
VR = 800 V
-
94
-
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
-
1200
-
pF
VR = 800 V, Tc = 25 °C, F = 1 MHz
-
78
-
Notes:
(1)Most accurate value for the capacitive charge:
������������(��������) = ∫ ��������(����)��������
��������
0


Similar Part No. - STPSC15H12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
   1200 V power Schottky silicon carbide diode
STPSC15H12D STMICROELECTRONICS-STPSC15H12D Datasheet
435Kb / 8P
   1200 V power Schottky silicon carbide diode
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
   1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
   Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
More results

Similar Description - STPSC15H12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC40H12C STMICROELECTRONICS-STPSC40H12C Datasheet
430Kb / 10P
   Robust high voltage periphery
February 2017 Rev 1
STPSC20H12-Y STMICROELECTRONICS-STPSC20H12-Y Datasheet
532Kb / 10P
   Robust high voltage periphery
January 2017 Rev 2
STPSC30H12C STMICROELECTRONICS-STPSC30H12C Datasheet
432Kb / 9P
   Robust high voltage periphery
February 2017 Rev 1
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
   RobuST high-temperature low-power quad voltage comparators
RT2903H STMICROELECTRONICS-RT2903H Datasheet
253Kb / 11P
   RobuST low-power dual voltage comparators
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
   Robust package with high lumens
logo
Maxim Integrated Produc...
MAX17525 MAXIM-MAX17525 Datasheet
586Kb / 20P
   Robust, High-Power Protection Reduces System
Rev 0; 6/16
logo
TT Electronics.
CDR TTELEC-CDR Datasheet
322Kb / 3P
   Robust terminations
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111 Datasheet
2Mb / 12P
   Robust High Strength Super Magnet Mount
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com