Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS1L60-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS1L60-Y
Description  Automotive low drop power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPS1L60-Y Datasheet HTML 1Page - STMicroelectronics STPS1L60-Y Datasheet HTML 2Page - STMicroelectronics STPS1L60-Y Datasheet HTML 3Page - STMicroelectronics STPS1L60-Y Datasheet HTML 4Page - STMicroelectronics STPS1L60-Y Datasheet HTML 5Page - STMicroelectronics STPS1L60-Y Datasheet HTML 6Page - STMicroelectronics STPS1L60-Y Datasheet HTML 7Page - STMicroelectronics STPS1L60-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS1L60-Y
Characteristics
DocID029438 Rev 2
3/8
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus ambient
temperature (δ = 0.5)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to lead versus pulse duration
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ = tp/T
tp
IF(AV)(A)
PF(AV)(W)
IF(AV)(A)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
R
th(j-a) = Rth(j-l)
T
= tp /T
tp
SOD123Flat
δ
Tamb(°C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SOD123Flat
Zth(j-l)/Rth(j-l)
tp(s)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
50
55
60
T
j = 150 °C
T
j = 125 °C
T
j = 25 °C
T
j = 100 °C
T
j = 75 °C
T
j = 50 °C
VR(V)
IR(mA)
10
100
1000
1
10
100
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
C(pF)
VR(V)


Similar Part No. - STPS1L60-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
73Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
952Kb / 34P
   Digital constant-current controller
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
127Kb / 10P
   Power Schottky rectifier
STPS1L60A STMICROELECTRONICS-STPS1L60A Datasheet
65Kb / 6P
   POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS1L60-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L60ZFY STMICROELECTRONICS-STPS2L60ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
   Automotive low drop power Schottky rectifier
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
   Automotive low drop power Schottky rectifier
July 2013 Rev 1
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 1
STPS15L45C-Y STMICROELECTRONICS-STPS15L45C-Y Datasheet
218Kb / 8P
   Automotive low drop power Schottky rectifier
July 2015 Rev 2
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
   Automotive 100 V low drop power Schottky rectifier
July 2019 Rev 1
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com