Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT202 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT202
Description  PHOTODIODE WITH ON-CHIP AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 9 page
background image
®
OPT202
9
FIGURE 5. “T” Feedback Network.
FIGURE 6. Current Output Circuit.
FIGURE 7. Single Power Supply Operation.
FIGURE 8. DC Restoration Rejects Unwanted Steady-State
Background Light.
Other application circuits can be seen in the
OPT209 data sheet.
1M
OPT202
3pF
175
V–
λ
V+
R
1
19k
R
F
R
2
1k
V
O =
I
D RF
R
1 + R2
R
2
Advantages: High gain with low resistor values.
Less sensitive to circuit board leakage.
Disadvantage: Higher offset and noise than by using high
value for R
F.
1M
OPT202
3pF
175
R
1
1k
–15V
λ
+15V
R
F
I
D
I
O ≤ 5mA
I
O = ID
1 +
R
F
R
1
1M
OPT202
3pF
175
V
O = IDRF
V
Z
λ
V+
R
F
0.1µF
(pesudo-ground)
+
V
Z
(1)
3.3V
NOTE: (1) Zener diode or other shunt regulator.
5k
1M
OPT202
3pF
175
2
8
5
4
V
O
λ
See AB-061 for details.
Circuit requires DIP package.
C
1
0.1µF
R
2
1M
R
3
100k
R
1
1M
C
2
0.1µF
A
1
R
1
2
πR
2R3C2
f
–3dB =
20dB/decade
= 16Hz




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT209PHOTODIODE WITH ON-CHIP AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX3507Upstream CATV Amplifier with On-Chip Anti-Alias Filter 1 2 3 4 5 MoreMaxim Integrated Products
C9118Driver circuit for photodiode array with amplifier 1 2 3 4 5 Hamamatsu Corporation
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
UPC8001IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl