Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1210FK-1397R6L Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RC1210FK-1397R6L
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC1210FK-1397R6L Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button RC1210FK-1397R6L Datasheet HTML 2Page - YAGEO Corporation RC1210FK-1397R6L Datasheet HTML 3Page - YAGEO Corporation RC1210FK-1397R6L Datasheet HTML 4Page - YAGEO Corporation RC1210FK-1397R6L Datasheet HTML 5Page - YAGEO Corporation RC1210FK-1397R6L Datasheet HTML 6Page - YAGEO Corporation RC1210FK-1397R6L Datasheet HTML 7Page - YAGEO Corporation RC1210FK-1397R6L Datasheet HTML 8Page - YAGEO Corporation RC1210FK-1397R6L Datasheet HTML 9Page - YAGEO Corporation RC1210FK-1397R6L Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb. 17, 2017 V.5
Product specification
6
10
SERIES
RC_L
0075 to 2512
CHARAC-
TERISTICS
POWER
OPERATING
TEMPERATURE
RANGE
MAXIMUM
WORKING
VOLTAGE
MAXIMUM
OVERLOAD
VOLTAGE
DIELECTRIC
WITHSTANDING
VOLTAGE
RESISTANCE
RANGE
TEMPERATURE
COEFFICIENT
JUMPER
CRITERIA
RC1210
1/2 W
-55℃ to 155℃
200V
500V
500V
5% (E24)
1Ω≦R≦22MΩ
1% (E24/E96)
1Ω≦R≦10MΩ
0.1%, 0.5% (E24/E96)
10Ω≦R≦1MΩ
Jumper<50mΩ
1Ω≦R≦10Ω
±200ppm℃
10Ω<R≦10MΩ
±100ppm℃
10MΩ<R≦22MΩ
±200ppm℃
Rated Current
2.0A
Maximum
Current
10.0A
RC1218
1 W
-55℃ to 155℃
200V
500V
500V
5% (E24)
1Ω≦R≦1MΩ
1% (E24/E96)
1Ω≦R≦1MΩ
0.1%, 0.5% (E24/E96)
10Ω≦R≦1MΩ
Jumper<50mΩ
1Ω≦R≦10Ω
±200ppm℃
10Ω<R≦1MΩ
±100ppm℃
Rated Current
6.0A
Maximum
Current
10.0A
RC2010
3/4 W
-55℃ to 155℃
200V
500V
500V
5% (E24)
1Ω≦R≦22MΩ
1% (E24/E96)
1Ω≦R≦10MΩ
0.1%, 0.5% (E24/E96)
10Ω≦R≦1MΩ
Jumper<50mΩ
1Ω≦R≦10Ω
±200ppm℃
10Ω<R≦10MΩ
±100ppm℃
10MΩ<R≦22MΩ
±200ppm℃
Rated Current
2.0A
Maximum
Current
10.0A
RC2512
1 W
-55℃ to 155℃
200V
500V
500V
5% (E24)
1Ω≦R≦22MΩ
1% (E24/E96)
1Ω≦R≦10MΩ
0.1%, 0.5% (E24/E96)
10Ω≦R≦1MΩ
Jumper<50mΩ
1Ω≦R≦10Ω
±200ppm℃
10Ω<R≦10MΩ
±100ppm℃
10MΩ<R≦22MΩ
±200ppm℃
Rated Current
2.0A
Maximum
Current
10.0A
2 W
-55℃ to 155℃
200V
400V
500V
5% (E24)
1Ω≦R≦1MΩ
1% (E24/E96)
1Ω≦R≦1MΩ
1Ω≦R≦1MΩ
±200ppm℃
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”
Table 2


Similar Part No. - RC1210FK-1397R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC1210FK-1397R6P YAGEO-RC1210FK-1397R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC1210FK-1397R6L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com