Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201FK-1397R6L Datasheet(PDF) 3 Page - YAGEO Corporation

Part # RC0201FK-1397R6L
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201FK-1397R6L Datasheet(HTML) 3 Page - YAGEO Corporation

  RC0201FK-1397R6L Datasheet HTML 1Page - YAGEO Corporation RC0201FK-1397R6L Datasheet HTML 2Page - YAGEO Corporation RC0201FK-1397R6L Datasheet HTML 3Page - YAGEO Corporation RC0201FK-1397R6L Datasheet HTML 4Page - YAGEO Corporation RC0201FK-1397R6L Datasheet HTML 5Page - YAGEO Corporation RC0201FK-1397R6L Datasheet HTML 6Page - YAGEO Corporation RC0201FK-1397R6L Datasheet HTML 7Page - YAGEO Corporation RC0201FK-1397R6L Datasheet HTML 8Page - YAGEO Corporation RC0201FK-1397R6L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb. 17, 2017 V.5
Product specification
3
10
SERIES
RC_L
0075 to 2512
MARKING
RC0075 / RC0100 / RC0201 / RC0402
No Marking
RC0603
E24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
RC0805 / RC1206 / RC1210 / RC2010 / RC2512
E24/E96 series: 4 digits
First three digits for significant figure and 4th digit for number of zeros
RC1218
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits, ±1% & ±0.5%
First three digits for significant figure and 4th digit for number of zeros
For further marking information, please see special data sheet "Chip resistors marking".
Fig. 2
Value = 10 KΩ
03
PF series
Note: construction will be
adjusted to resistance value
(only for PF series).
Fig. 3
Value = 10 KΩ
00
CONSTRUCTION
The resistor is constructed on top of a high-grade
ceramic body. Internal metal electrodes are added
on each end to make the contacts to the thick
film resistive element. The composition of the
resistive element is a noble metal imbedded into a
glass and covered by a second glass to prevent
environmental influences. The resistor is laser
trimmed to the rated resistance value. The
resistor is covered with a protective epoxy
coat, finally the two external terminations (matte
tin on Ni-barrier) are added, as shown in Fig.6.
Fig. 1
Fig. 4
Value = 10 KΩ
Fig. 5
Value = 10 KΩ
00
Fig. 6 Chip resistor outlines
O
Ou
uttlliin
neess
For dimensions, please refer to Table 1


Similar Part No. - RC0201FK-1397R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201FK-1397R6P YAGEO-RC0201FK-1397R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC0201FK-1397R6L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com