Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56S107-108N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 56S107-108N5
Description  STRAIGHT PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

56S107-108N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  56S107-108N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 56S107-108N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
TNC 50
STRAIGHT PLUG
56S107-108N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 10 GHz
Return loss
 30 dB, DC to 2.5 GHz
 20 dB, 2.5 to 4 GHz
 18 dB, 4 to 6 GHz
Insertion loss
 0.05 dB, DC to 6 GHz
Insulation resistance
 5 x103 M
Center contact resistance
 1.5 m
Outer contact resistance
 1 m
Test voltage
1500 V rms
Working voltage
500 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
 80 W @ 2 GHz
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
 500
Center contact captivation: axial
 15 N
Coupling test torque
 1.7 Nm
Recommended torque
0.46 Nm to 0.69 Nm
Environmental data
Temperature range
-65 °C to +165 °C
Thermal shock
MIL-STD-202, Method 107, Condition B
Corrosion
MIL-STD-202, Method 101, Condition B
Vibration
MIL-STD-202, Method 204, Condition B
Shock
MIL-STD-202, Method 213, Condition G
Moisture resistance
MIL-STD-202, Method 106
RoHS
compliant
Tooling
Crimping tool
11W150-000
Crimp insert
11W150-208
Suitable cables
RG 142 B/U, RG 223 /U, RG 400 /U
Weight
Weight
12.7 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
10.08.04
Sa. Krautenbacher
20.03.14
f00
14-0352
T. Krojer
20.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 56S107-108N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
56S107-106N5 ROSENBERGER-56S107-106N5 Datasheet
85Kb / 2P
   56S107-106N5
More results

Similar Description - 56S107-108N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
56S101-115N5 ROSENBERGER-56S101-115N5 Datasheet
45Kb / 2P
   STRAIGHT PLUG
51S106-006N5 ROSENBERGER-51S106-006N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
53S107-108N5 ROSENBERGER-53S107-108N5 Datasheet
72Kb / 2P
   STRAIGHT PLUG
51S107-802N5 ROSENBERGER-51S107-802N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
64S115-C09N1 ROSENBERGER-64S115-C09N1 Datasheet
275Kb / 2P
   Straight Plug
53S107-803N5 ROSENBERGER-53S107-803N5 Datasheet
76Kb / 2P
   STRAIGHT PLUG
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
   STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
   STRAIGHT PLUG
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
   straight plug
logo
Japan Aviation Electron...
JB1DB03PL JAE-JB1DB03PL Datasheet
165Kb / 1P
   STRAIGHT PLUG
JN2DS10SL1-R JAE-JN2DS10SL1-R Datasheet
223Kb / 1P
   STRAIGHT PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com