Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT240GK34BT Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # STT240GK34BT
Description  Thyristor-Thyristor Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT240GK34BT Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  STT240GK34BT Datasheet HTML 1Page - Sirectifier Semiconductors STT240GK34BT Datasheet HTML 2Page - Sirectifier Semiconductors STT240GK34BT Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.0001
0.001
0.01
0.1
1
10
Time - t - Seconds
Maximum Transient Thermal Impedance
(Junction to Case)
15°
30°
60°
90°
120°
180°
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
Average On-State Current - It(av) - Amperes
Maximum On-State Power Dissipation
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
60
70
80
90
100
110
120
130
0
50
100
150
200
250
300
Average On-State Current- It(av) - Amperes
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
270°
360°
0
200
400
600
800
1000
1200
0
50
100
150
200
250
300
350
400
Average On-State Current - It(av) - Amperes
Maximum On-State Power Dissipation
(RectangularWaveform)
15°
30°
60°
90° 120°
180°
270°
360°C
40
50
60
70
80
90
100
110
120
130
0
40
80
120
160
200
240
280
320
360
400
Average On-State Current - It(av) - Amperes
Maximum Allowable Case Temperature
(RectangularWaveform)
0
1
2
3
4
5
10
100
1000
10000
Instantaneous On-State Current - Itm - Amperes
Maximum On-State Forward Voltage Drop
( Tj = 125 C )
Thyristor-Thyristor Modules
STT240GK**BT
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - STT240GK34BT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT200GK08 SIRECTIFIER-STT200GK08 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT200GK08B SIRECTIFIER-STT200GK08B Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
STT200GK12 SIRECTIFIER-STT200GK12 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT200GK12B SIRECTIFIER-STT200GK12B Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT240GK34BT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com