Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT165GK18B Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # STT165GK18B
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT165GK18B Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  STT165GK18B Datasheet HTML 1Page - Sirectifier Semiconductors STT165GK18B Datasheet HTML 2Page - Sirectifier Semiconductors STT165GK18B Datasheet HTML 3Page - Sirectifier Semiconductors STT165GK18B Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STT
.
3 STD165B
165B
.
0
0
Pvtot
Pvtot
IRMS100
200
W
A
Fig.4L Power dissipation of three modules vs. direct and rms current
500
ID
w3
B6
0
0
50
W
100
Fig.4R Power dissipation of three modules vs. case temp
Ta
Tc
C
O
C
O
150
K/W
500
3
STT
B
.
STD
B
.
10
A/us
Fig.5 Recovered charge vs. current decrease
100
1/2
1/2
uC
Tvj=
C
o
0
0.001
0.01
K/W
100
Fig.6 Transient thermal impedance vs. time
t
Zth
STT
B
STD
B
.
1/2
1/2
.
Zth(j-s)
Zth(j-c)
0.1
1
10 s
STT
B
.
STD165
165
B
.
0
0
100
200
Fig.7 On-state charactristics
1/2
1/2
A
IT
Vt
0.5
1
1.5
2
V
typ.
max.
Fig.8 Surge overload current vs. time
ITM=
1
t
10
100
ms 1000
0.4
0.6
0.8
1
1.2
1.4
1.6
IT(OV)
ITSM
2
STT
B
STD165
165
B
.
1/2
1/2
.
1 VRRM
.
0.5 VRRM
.
0 VRRM
.
ITSM(25 C) =5400A
O
ITSM(125 C)=5000A
O
125
165
165
100
1000
10000
Qrr
1
-di /dt
T
165
165
300
Tvj=25 C
O
_
Tvj=125 C
O
400
1500
1500
125
115
105
95
85
75
0.06
0.05
0.1
0.15
0.2
0.25
0.3
400
500
600
500
0.3
0.2
0.25
0.16
0.12
0.1
0.08
0.07
0.05 0.04 0.03 0.02 Rth(c-a)
A
20
A
50
A
100
A
200
A
500
Thyristor-Thyristor Modules
STT165GK B
P4
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - STT165GK18B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT165GK18 ETC2-STT165GK18 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT165GK18 SIRECTIFIER-STT165GK18 Datasheet
548Kb / 4P
   Thyristor-Thyristor Modules
STT165GK18 SIRECTIFIER-STT165GK18 Datasheet
328Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT165GK18B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com