Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT100GK16 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # STT100GK16
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT100GK16 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  STT100GK16 Datasheet HTML 1Page - Sirectifier Semiconductors STT100GK16 Datasheet HTML 2Page - Sirectifier Semiconductors STT100GK16 Datasheet HTML 3Page - Sirectifier Semiconductors STT100GK16 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STT
.
3 STD100
100
.
0
0
Pvtot
Pvtot
IRMS
100
200
W
A
Fig.4L Power dissipation of three modules vs. direct and rms current
500
ID
w3
B6
0
0
50
W
100
Fig.4R Power dissipation of three modules vs. case temp
Ta
Tc
C
O
C
O
150
500
3
STT
.
STD
.
10
A/us
Fig.5 Recovered charge vs. current decrease
100
1/2
1/2
uC
Tvj=
C
o
0
0.001
0.01
K/W
100
Fig.6 Transient thermal impedance vs. time
t
Zth
STT
STD
.
1/2
1/2
.
Zth(j-s)
Zth(j-c)
0.1
1
10
s
0.4
STT
.
STD100
100
.
0
0
100
200
Fig.7 On-state charactristics
1/2
1/2
A
50
IT
Vt
0.5
1
1.5
2
V
typ.
max.
Fig.8 Surge overload current vs. time
ITM=
1
t
10
100
ms 1000
0.4
0.6
0.8
1
1.2
1.4
1.6
IT(OV)
ITSM
2
STT
STD100
100
.
1/2
1/2
.
1 VRRM
.
0.5 VRRM
.
0 VRRM
.
ITSM(25 C) =2000A
O
ITSM(125 C)=1750A
O
Thyristor-Thyristor Modules
STT100GKxx
250
750
250
750
125
117
109
101
93
85
Rth(c a)
-
125
100
100
10
100
1000
Qrr
1
-di /dt
T
A
20
A
50
A
100
A
200
A
500
100
100
0.1
0.2
0.3
0.5
0.6
300
Tvj=25 C
O
_
Tvj=125 C
O
150
250
0.6
K/W
0.5
0.4
0.3
0.2
0.25
0.17
0.14
0.12
0.35
0.1 0.08 0.06 0.04 0.02
STT
.
STD100
100
A
10
A/us
. cu
ease
1
10
00
0
Tvj
v
C
oC
K/
K W
W
TT
D
1/
0
0..4
4
0
50
0
1
10
00
0
wer dissipat
ee m du
.
e t
T
Taa
T
T
T
C
OC
15
125
o
100
100
0.1
0.2
0.3
0.3
0.5
0.5
0.6
0.6


Similar Part No. - STT100GK16

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT100GK16 SIRECTIFIER-STT100GK16 Datasheet
915Kb / 4P
   Thyristor-Thyristor Modules
STT100GK16B SIRECTIFIER-STT100GK16B Datasheet
440Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT100GK16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com