Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT90GK08B Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # STT90GK08B
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT90GK08B Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  STT90GK08B Datasheet HTML 1Page - Sirectifier Semiconductors STT90GK08B Datasheet HTML 2Page - Sirectifier Semiconductors STT90GK08B Datasheet HTML 3Page - Sirectifier Semiconductors STT90GK08B Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STT90B
90B
.
3 STD
.
0
0
Pvtot
Pvtot
IRMS
W
A
Fig.4L Power dissipation of three modules vs. direct and rms current
ID
w3
B6
0
0
50
W
100
Fig.4R Power dissipation of three modules vs. case temp
Ta
Tc
C
O
C
O
150
Rth(c-a)
3
STT90B
90B
.
STD
.
10
1
100
10
1000
A/us
Fig.5 Recovered charge vs. current decrease
100
1/2
1/2
uC
Tvj=125 C
o
0
0.001
0.01
K/W
100
Fig.6 Transient thermal impedance vs. time
t
Zth
STT90B
90B
STD
.
1/2
1/2
.
Zth(j-s)
Zth(j-c)
0.1
1
10 s
0.4
STT90B
90B
.
STD
.
0
0
Fig.7 On-state charactristics
1/2
1/2
A
IT
Vt 0.5
1
1.5
2
V 2.5
typ.
max.
Fig.8 Surge overload current vs. time
1
t
10
100
ms 1000
0.4
0.6
0.8
1
1.2
1.4
1.6
IT(OV)
ITSM
2
STT
90B
90B
STD
.
1/2
1/2
.
1 VRRM
.
0.5 VRRM
.
0 VRRM
.
ITSM(25 C) =1600A
O
ITSM(125 C)=1450A
O
Thyristor-Thyristor Modules
STT90GKXXB
250
50
100
K/W
Qrr
-di /dt
T
ITM=
Tvj=25 C
O
_
_
Tvj=125 C
O
- -
500
750
150
200
250
250
500
750
125
115
106
96
86
76
0.6
0.5
0.4
0.35
0.3
0.25
0.2
0.17
0.14
0.12
0.1 0.08 0.06 0.04 0.02
20A
50A
100A
200A
500A
0.1
0.2
0.3
0.5
0.6
100
200
300
400
P4
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - STT90GK08B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT90GK08 SIRECTIFIER-STT90GK08 Datasheet
756Kb / 4P
   Thyristor-Thyristor Modules
STT90GK08 SIRECTIFIER-STT90GK08 Datasheet
343Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT90GK08B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com