Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT27GK12B Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # STT27GK12B
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT27GK12B Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  STT27GK12B Datasheet HTML 1Page - Sirectifier Semiconductors STT27GK12B Datasheet HTML 2Page - Sirectifier Semiconductors STT27GK12B Datasheet HTML 3Page - Sirectifier Semiconductors STT27GK12B Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STT27
B
27
B
.
3 STD
.
0
0
Pvtot
Pvtot
IRMS
100
300
400
W
A
Fig.4L Power dissipation of three modules vs. direct and rms current
200
ID
w3
B6
0
0
100
200
50
300
W
100
Fig.4R Power dissipation of three modules vs. case temp
Ta
Tc
C
O
C
O
150
Rth(c-a)
400
3
STT27
B
27
B
.
STD
.
10
0
100
10
1000
A/us
Fig.5 Recovered charge vs. current decrease
100
1/2
1/2
uC
Tvj=125 C
o
0
0.001
0.01
K/W
100
Fig.6 Transient thermal impedance vs. time
t
Zth
STT27
B
.STD27B
1/2
1/2
.
Zth(j-s)
Zth(j-c)
0.1
1
10
s
0.4
0.8
STT27
B
27
B
.
STD
.
0
0
100
Fig.7 On-state charactristics
1/2
1/2
A
50
IT
Vt
0.5
1
1.5
2
V 2.5
typ.
max.
Fig.8 Surge overload current vs. time
1
t
10
100
ms 1000
0.4
0.6
0.8
1
1.2
1.4
1.6
IT(OV)
ITSM
2
STT
27
B
27
B
STD
.
1/2
1/2
.
1 VRRM
.
0.5 VRRM
.
0 VRRM
.
ITSM(25 C) =550A
O
ITSM(125 C)=480A
O
Thyristor-Thyristor Modules
STT27GKxx
B
25
50
75
100
119
1.5
K/W
1
0.8
0.6
0.5
0.4
0.3
0.2
0.15
0.1
0.05
0.25
0.35
Qrr
-di /dt
T
5A
10A
20A
50A
100A
ITM=
1.2
25
75
Tvj=25 C
O
_
_
Tvj=125 C
O
- -
P4
© 2008 SIRECTIFIER All rights reserved
www.sirectifier.com Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com


Similar Part No. - STT27GK12B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT27GK12 SIRECTIFIER-STT27GK12 Datasheet
591Kb / 4P
   Thyristor-Thyristor Modules
STT27GK12 SIRECTIFIER-STT27GK12 Datasheet
202Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT27GK12B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com